Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 17Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 18Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 19Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 20Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 21Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 22Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 23Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 24Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
AD9858
Rev. C | Page 21 of 32
A3
A1
A2
D3
D1
D2
tRDHOZ
tRDLOV
tADV
tAHD
tADV
tAHD
tRDLOV
tRDHOZ
SPECIFICATION
15ns
5ns
15ns
10ns
VALUE
ADDRESS TO DATA VALID TIME (MAXIMUM)
ADDRESS HOLD TIME TO RD SIGNAL INACTIVE (MINIMUM)
RD LOW TO OUTPUT VALID (MAXIMUM)
RD HIGH TO DATA THREE-STATE (MAXIMUM)
DESCRIPTION
RD
ADDR[5:0]
D[7:0]
Figure 36. I/O Port Read Cycle Timing (Parallel)
Serial Programming Mode
In serial programming mode, the I/O port uses a chip select pin
(CS), a serial clock pin (SCLK), an I/O reset pin (IORESET),
and either one or two serial data pins (SDIO and/or SDO). The
number of serial data pins used depends on the configuration of
the I/O port, that is, whether it has been configured for 2-wire
or 3-wire serial operation as defined by the control function
register. In 2-wire mode, the SDIO pin operates as a bidirectional
serial data pin. In 3-wire mode, the SDIO pin operates as a
serial data input pin only, and the SDO pin acts as the serial
output. The maximum rate of SCLK is guaranteed only for write
operation.
The serial port is an SPI-compatible serial interface. Serial port
communication occurs in two phases. Phase 1 is an instruction
cycle consisting of an 8-bit word. The MSB of the instruction
byte flags the ensuing operation as a read or write operation.
The six LSBs define the serial address of the target register as
defined in the register map. The instruction byte format is given in
Table 5.
Table 5.
D7 (MSB)
D6
D5
D4
D3
D2
D1
D0 (LSB)
1: Read
X
A5
A4
A3
A2
A1
A0
0: Write
Phase 2 of a serial port communication contains the data to be
routed to/from the addressed register. The number of bytes
transferred during Phase 2 depends on the length of the target
register. Serial operation requires that all bits associated with a
serial register address be transferred.
Both phases of a serial port communication require the serial
data clock (SCLK) to be operating. When writing to the device,
serial bits are transferred on the rising edge of SCLK. When
reading from the device, serial output bits are transferred on the
falling edge of SCLK. The bit order for both phases of a serial
port communication is selectable via the control function register.
The CS pin serves as a chip select control line. When CS is in a
Logic 1 state, the SDO and SDIO pins are disabled (forced into a
high impedance state). When the CS pin is in a Logic 0 state,
the SDO and SDIO pins are active. This allows multiple devices
to reside on a single serial bus. If multiple devices are connected
to the same serial bus, then communication with an individual
device is accomplished by setting CS to a Logic 0 state on the
target device, but to a Logic 1 state on all other devices. In this
way, serial communication occurs only between the controller
and the target device.
When I/O synchronization is lost between the AD9858 and
the external controller, the IORESET pin provides a means
to reestablish synchronization without initializing the entire
device. Asserting the active high IORESET pin resets the serial
port state machine. This terminates the current I/O operation
and puts the device into a state in which the next eight SCLK
pulses are expected to be the instruction byte of the next I/O
transfer. Any information previously written to the memory
registers during the last valid communication cycle prior to loss
of synchronization remains intact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com