Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 11Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 12Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 13Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 14Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 15Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 16Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 17Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 18Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9858
Rev. C | Page 15 of 32
Charge Pump (CP)
The charge pump output reference current is determined by an
external resistor (~2.4 kΩ), which establishes a 500 μA maximum
internal baseline current (ICP0). The baseline current is scaled to
provide the appropriate drive current for the various operating
modes (frequency detect, wide closed-loop, and final closed-
loop) of the CP. The amount of scaling in each mode is
programmable by means of the values stored in the control
function register, giving the user maximum flexibility of the
frequency locking capability of the PLL.
The CP polarity can be configured as either positive or negative
with respect to PDIN. When the CP polarity is positive, if DIVIN
leads PDIN, the charge pump attempts to decrease the voltage at
the VCO control node. If DIVIN lags PDIN, the charge pump works
to increase the voltage at the VCO control node. When the CP
polarity is negative, the opposite occurs. This allows the user to
define either input as the feedback path. This also allows the
AD9858 to accommodate ground-referenced or supply-referenced
VCOs. This functionality is defined by the charge pump polarity
bit in the control function register, CFR[10].
Internal to the CP, the ICP0 current is scaled to provide different
output drive current values for the various modes of operation.
In normal operating mode, the final closed-loop mode can be
programmed to scale ICP0 by 1, 2, 3, or 4. Setting the charge
pump current offset bit, CFR[13], applies a 2 mA offset to the
programmed charge pump current, allowing ICP0 scaler values
of 5, 6, 7, or 8. The wide closed-loop mode can be programmed
to scale ICP0 by 0, 2, 4, 6, 8, 10, 12, or 14. The frequency detect
mode can be programmed to scale ICP0 by 0, 20, 40, or 60. The
different modes of operation, controlled by the fast locking
logic, are discussed in the Fast Locking Logic section.
The CP has an independent set of power pins that can operate
at up to 5.25 V. While the device can operate from ground to
rail, the voltage compliance should be kept in the 0.5 V to
4.5 V range to ensure the best steady-state performance. The
combination of programmable output current, programmable
polarity, wide compliance range, and a proprietary fast lock
capability offers the flexibility necessary for the digital PLL to
operate within a broad range of PLL applications.
Fast Locking Logic
The charge pump includes a fast locking algorithm that helps
to overcome the traditional limitations of PLLs with regard to
frequency switching time. The fast locking algorithm works in
conjunction with the loop filter shown in Figure 29 to provide
extremely fast frequency switching performance.
Based on the error seen between the feedback signal and the
reference signal, the fast locking algorithm puts the charge
pump into one of three states: frequency detect mode, a wide
closed-loop mode, or a final closed-loop mode. In the frequency
detect mode, the feedback and reference signals register
substantial phase and frequency errors. Rather than operating
in a continuous closed-loop feedback mode, the charge pump
supplies a fixed current of the correct polarity to the VCO control
node that drives the loop towards frequency lock. When frequency
lock is detected, the fast locking logic shifts the part into one of
the closed-loop modes. In the closed-loop modes, either wide
or final, the charge pump supplies current to the loop filter as
directed by the PFD. The frequency detect mode is intended to
bring the system to a level of frequency lock from which the
intermediary closed-loop system can quickly achieve phase lock.
The level of frequency lock accuracy aimed for is typically
referred to as the lock range. When the frequency is within
the lock range, the time required to achieve phase lock can be
determined by standard PLL transient analysis methods. The
charge pump current sources associated with the frequency
detect mode are connected to Pin 64 (CPFL), and the closed-
loop current sources are connected to Pin 65 (CP) and Pin 66 (CP).
Pin 64 is connected directly to the loop filter zero compensation
capacitor, as shown in Figure 29. This connection allows the
smoothest transition from the frequency detect mode to the
closed-loop modes and enables faster overall switching times.
Pin 65 and Pin 66 are connected to the loop filter in the
conventional manner.
R2
C2
CP
CP
CPFL
AD9858
Figure 29. Charge Pump to Loop Filter Connection
The frequency detection block works as follows. The comparison
logic in the frequency detection circuitry operates one eighth of
the DDS system clock. A comparison is made of the frequencies
present at PDIN and DIVIN over 19 DDS clock cycles.
To ensure that frequency lock detection is achieved while the
frequency difference is within the PLL lock range, the slew rate
of the VCO input should be limited such that the lock range
cannot be traversed within 152 system clock cycles. The slew
rate of the VCO input is determined by the programmed level
of frequency detect current and the size of the zero compensation
capacitor according to the following relationship:
Z
det
f
C
I
dt
dv
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com