Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 1 Page - Analog Devices

  AD9858/TLPCBZ Datasheet HTML 1Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 2Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 3Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 4Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 5Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 6Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 7Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 8Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1 GSPS Direct Digital Synthesizer
AD9858
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2009 Analog Devices, Inc. All rights reserved.
FEATURES
1 GSPS internal clock speed
Up to 2 GHz input clock (selectable divide-by-2)
Integrated 10-bit DAC
Excellent phase noise and SFDR
32-bit programmable frequency register
Simplified 8-bit parallel and SPI serial control interface
Automatic frequency sweeping capability
4 frequency profiles
3.3 V power supply
Power dissipation: 2 W typical
Integrated programmable charge pump and phase
frequency detector with fast lock circuit
Isolated charge pump supply up to 5 V
Integrated 2 GHz mixer
APPLICATIONS
VHF/UHF LO synthesis
Tuners
Instrumentation
Agile clock synthesis
Cellular base station hopping synthesizers
Radars
SONET/SDH clock synthesis
GENERAL DESCRIPTION
The AD9858 is a direct digital synthesizer (DDS) featuring a
10-bit digital-to-analog converter (DAC) operating up to 1 GSPS.
The AD9858 uses advanced DDS technology coupled with an
internal high speed, high performance DAC to form a digitally
programmable, complete high frequency synthesizer capable of
generating a frequency-agile analog output sine wave at up to
400 MHz. The AD9858 is designed to provide fast frequency
hopping and fine tuning resolution (32-bit frequency tuning
word). The frequency tuning and control words are loaded into
the AD9858 via parallel (8-bit) or serial loading formats. The
AD9858 contains an integrated charge pump (CP) and phase
frequency detector (PFD) for synthesis applications requiring
the combination of a high speed DDS along with phase-locked
loop (PLL) functions. An analog mixer is also provided on chip
for applications requiring the combination of a DDS, PLL, and
mixer, such as frequency translation loops and tuners. The AD9858
also features a divide-by-2 on the clock input, allowing the external
reference clock to be as high as 2 GHz.
The AD9858 is specified to operate over the extended industrial
temperature range of –40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
ANALOG
MULTIPLIER
PHASE ACCUMULATOR
DIV
DIV
LO
IF
RF
PD
CP
CPISET
RESET
DACISET
IOUT
IOUT
FUD
SYNCLK
REFCLK
REFCLK
I/O PORT
(SER/PAR)
DIGITAL PLL
DAC
SYSCLK
CHARGE
PUMP
POWER-
DOWN
LOGIC
PS0 PS1
PHASE
DETECTOR
TIMING AND CONTROL LOGIC
PHASE-TO-
AMPLITUDE
CONVERSION
÷ M
÷ 8
÷ 2
CONTROL REGISTERS
÷ N
AD9858
15
FREQUENCY ACCUMULATOR
32
32
14
32
15
10
M
U
X
RF
IF
LO
Figure 1.


Similar Part No. - AD9858/TLPCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9858 AD-AD9858 Datasheet
121Kb / 3P
Low Jitter Sampling Clock Generator for High Performance ADCs
REV. 0
AD9858BSV AD-AD9858BSV Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9858FDPCB AD-AD9858FDPCB Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
More results

Similar Description - AD9858/TLPCBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9858 AD-AD9858 Datasheet
1Mb / 32P
1 GSPS Direct Digital Synthesizer
AD9910 AD-AD9910 Datasheet
488Kb / 13P
1 GSPS 14-Bit, 3.3V CMOS Direct Digital Synthesizer
AD9912 AD-AD9912 Datasheet
113Kb / 3P
1 GSPS Direct Digital Synthesizer w/ 14-bit DAC
6/10-Rev. E to Rev. F
AD9910 AD-AD9910_07 Datasheet
1Mb / 60P
1 GSPS, 14-Bit, 3.3 V CMOS Direct Digital Synthesizer
5/07-Revision 0
AD9915 AD-AD9915 Datasheet
877Kb / 48P
2.5 GSPS Direct Digital Synthesizer with 12-Bit DAC
REV. A
AD9912ABCPZ AD-AD9912ABCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858BSVZ AD-AD9858BSVZ Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9912BCPZ AD-AD9912BCPZ Datasheet
649Kb / 40P
1 GSPS Direct Digital Synthesizer with 14-Bit DAC
Rev. F
AD9858 AD-AD9858_15 Datasheet
838Kb / 32P
1 GSPS Direct Digital Synthesizer
REV. C
AD9914 AD-AD9914_16 Datasheet
1Mb / 45P
3.5 GSPS Direct Digital Synthesizer 12-Bit DAC
6/2016-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com