Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 3Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 4Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 5Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 6Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 7Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 8Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 9Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 10Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD9858
Rev. C | Page 7 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
84
83
82
81
80
79
78
77
76
95
94
93
92
91
90
89
88
87
86
85
100
999897
96
26
28
29
30
31
32
33
38
39
34
35
36
37
42
40
41
43
44
45
46
47
48
49
50
13
DVDD
D7
D6
D5
D4
DGND
DGND
DVDD
DVDD
D3
D2
D1
D0
ADDR5
ADDR4
ADDR3
RD/CS
DVDD
DVDD
ADDR2/IORESET
ADDR1/SDO
ADDR0/SDIO
WR/SCLK
DVDD
DGND
AVDD
NC
AGND
AVDD
DIV
DIV
AVDD
AGND
CPGND
CPVDD
CP
CP
CPFL
CPGND
CPVDD
CPISET
RF
RF
AGND
NC
NC
PFD
PFD
IF
IF
AD9858
TOP VIEW
(Not to Scale)
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
NOTES
1. NC = NO CONNECT.
2. THE TQFP_EP (THERMAL SLUG) MUST BE ATTACHED TO THE GROUND PLANE OR SOME OTHER LARGE
METAL MASS FOR THERMAL TRANSFER. FAILURE TO DO SO MAY CAUSE EXCESSIVE DIE TEMPERATURE
RISE AND DAMAGE TO THE DEVICE.
Figure 2. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Description
1 to 4, 9 to 12
D7 to D0
I
Parallel Port Data. The functionality of these pins is valid only when the I/O port is configured as
a parallel port.
5, 6, 21, 28, 95, 96
DGND
Digitial Ground.
7, 8, 20, 23 to 27,
93, 94
DVDD
Digital Supply Voltage.
13 to 18
ADDR5 to
ADDR0
I
When the I/O port is configured as a parallel port, these pins serve as a 6-bit address select for
accessing the on-chip registers (see the IORESET, SDO, and SDIO pins for the serial port mode).
16
IORESET
I
This is valid for serial programming mode only. Active high input signal that resets the serial I/O
bus controller. It serves as a means of recovering from an unresponsive serial bus caused by
an improper programming protocol. Asserting an I/O reset does not affect the contents of
previously programmed registers, nor does it invoke their default values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com