Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9858/TLPCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9858/TLPCBZ
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858/TLPCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9858/TLPCBZ Datasheet HTML 22Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 23Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 24Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 25Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 26Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 27Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 28Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 29Page - Analog Devices AD9858/TLPCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
AD9858
Rev. C | Page 26 of 32
Profile Selection
A profile consists of a specific group of memory registers (see
Table 6). In the AD9858, each profile contains a 32-bit frequency
tuning word and a 14-bit phase offset word. Each profile is
selectable via two external profile select pins (PS0 and PS1), as
defined in Table 12. The specific mapping of registers to profiles is
detailed in the Register Bit Descriptions section. The user should
be aware that selection of a profile is internally synchronized
with DDS CLK using the SYNCLK timing. That is, SYNCLK is
used to synchronize the assertion of the profile select pins (PS0
and PS1). Therefore, the PS0 and PS1 pins must be set up and
held around the rising edge of SYNCLK.
Table 12.
PS1
PS0
Profile
0
0
0
0
1
1
1
0
2
1
1
3
The profiles are available to the user to provide rapid changing
of device parameters via external hardware, which alleviates the
speed limitations imposed by the I/O port. For example, the user
might preprogram the four phase offset registers with values that
correspond to phase increments of 90°. By controlling the PS0 and
PS1 pins, the user can implement π/2 phase modulation. The data
modulation rate is much higher than that possible by repeatedly
reloading a single phase offset register via the I/O port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com