Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 21 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PS200 Datasheet HTML 17Page - Microchip Technology PS200 Datasheet HTML 18Page - Microchip Technology PS200 Datasheet HTML 19Page - Microchip Technology PS200 Datasheet HTML 20Page - Microchip Technology PS200 Datasheet HTML 21Page - Microchip Technology PS200 Datasheet HTML 22Page - Microchip Technology PS200 Datasheet HTML 23Page - Microchip Technology PS200 Datasheet HTML 24Page - Microchip Technology PS200 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 19
PS200
FIGURE 5-2:
CLKO AND I/O TIMING
TABLE 5-3:
CLKO AND I/O TIMING REQUIREMENTS
FOSC
LED1, LED2,
Q4
Q1
Q2
Q3
10
13
14
17
20, 21
22
23
19
18
15
11
12
16
Old Value
New Value
CTRLOUT,
CHGOUT, HVOUT
(input)
LED1, LED2,
CTRLOUT,
CHGOUT, HVOUT
(output)
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
17
TosH2ioV
FOSC
↑ (Q1 cycle) to Port Out Valid
50
150*
ns
——
300
ns
18
TosH2ioI
FOSC
↑ (Q2 cycle) to Port Input
Invalid (I/O in hold time)
100
ns
19
TioV2osH
Port Input Valid to FOSC
(I/O in setup time)
0—
ns
20
TioR
Port Output Rise Time
10
40
ns
21
TioF
Port Output Fall Time
10
40
ns
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0 V, 25
°C unless otherwise stated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com