Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 11 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PS200 Datasheet HTML 7Page - Microchip Technology PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology PS200 Datasheet HTML 10Page - Microchip Technology PS200 Datasheet HTML 11Page - Microchip Technology PS200 Datasheet HTML 12Page - Microchip Technology PS200 Datasheet HTML 13Page - Microchip Technology PS200 Datasheet HTML 14Page - Microchip Technology PS200 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 9
PS200
2.3
KEELOQ® Algorithm
The PS200 includes Microchip’s KEELOQ decoder
algorithm. The KEELOQ code hopping technology is a
worldwide standard providing a simple, yet highly
secure, solution for authentication. Microchip’s battery
management products include the KEELOQ algorithm to
provide secure identification for rechargeable batteries.
When the KEELOQ algorithm is enabled, the PS200 will
issue a 32-bit challenge to the attached rechargeable
battery. The battery, which also includes the KEELOQ
decoder algorithm, will generate a response. See
Microchip application note
AN827 “Using KEELOQ® to
Validate Subsystem Compatibility” (DS00827) for
details on implementing a complete KEELOQ battery
authentication system.
2.4
Lithium Configurable Parameters
The PS200 device’s configurable parameters allow for
flexible changes in designing battery chargers. The
parameters are categorized as follows:
• Configuration
• Charging Limits
- Precharge
- Current Regulation
- Voltage Regulation
• LED Display Configuration
Please refer to Table 2-1 “PS200 Lithium Configurable
Parameters”.
2.4.1
CONFIGURATION PARAMETERS
The configuration parameters provide an identity to the
battery pack and provide its basic characteristics to the
PS200.
2.4.2
CHARGING LIMITS
2.4.2.1
Precharge Parameters
The Precharge parameters configure the charger’s
operation during this initial battery charging phase.
2.4.2.2
Current Regulation Parameters
The Current Regulation parameters configure the
charger’s operation during this second battery charging
phase.
2.4.2.3
Voltage Regulation Parameters
The Voltage Regulation parameters configure the
charger’s operation during this third battery charging
phase.
2.4.3
LED DISPLAY CONFIGURATION
The PS200 supports a two-LED charging state display.
These LEDs can be configured to identify seven unique
charger states:
• Charge Pending – charger is waiting for battery
pack that needs charge.
• Charge Qualification – charger is determining if
the battery pack can be safely charged.
• Precharge – charger is charging the battery pack
under the conditions configured for precharge.
• Charge Suspend – charger has temporarily
suspended charging the battery pack. This state
is usually entered as a result of violating a
maximum temperature requirement. Charging will
resume when conditions are within required
charging parameter values.
• Current Regulation – charger is charging the
battery pack with a constant current.
• Voltage Regulation – charger is charging the
battery pack at the constant target voltage.
• Charge Complete – charger has completed
charging the battery pack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com