Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 19 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PS200 Datasheet HTML 15Page - Microchip Technology PS200 Datasheet HTML 16Page - Microchip Technology PS200 Datasheet HTML 17Page - Microchip Technology PS200 Datasheet HTML 18Page - Microchip Technology PS200 Datasheet HTML 19Page - Microchip Technology PS200 Datasheet HTML 20Page - Microchip Technology PS200 Datasheet HTML 21Page - Microchip Technology PS200 Datasheet HTML 22Page - Microchip Technology PS200 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 17
PS200
5.5
DC Characteristics
5.6
DC Characteristics
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C to +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
VIL
Input Low Voltage
D032
RESET
VSS
—
0.2 VDD
V4.5V
≤ VDD ≤ 5.5V,
otherwise entire range
VIH
Input High Voltage
D042
RESET
0.8 VDD
—VDD
V4.5V
≤ VDD ≤ 5.5V,
otherwise entire range
IIL
Input Leakage Current(2)
D060A
Analog inputs
—
±0.1
±1
μAVss ≤ VPIN ≤ VDD
D061
RESET(1)
—
±1
±5
μAVss ≤ VPIN ≤ VDD
Output Low Voltage
D080
VOL
Pins LED1, LED2, CTRLOUT,
CHGOUT, HVOUT
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
Output High Voltage
D090
VOH
Pins LED1, LED2, CTRLOUT,
CHGOUT, HVOUT
VDD – 0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1:
The leakage current on the RESET pin is strongly dependent on the applied voltage level. The specified levels
represent normal operating conditions. Higher leakage current may be measured at different input voltages.
2:
Negative current is defined as current sourced by the pin.
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C to +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
Capacitive Loading Specs
on Output Pins
D101
CIO
Pins LED1, LED2, CTRLOUT,
CHGOUT, HVOUT
——
50*
pF
Data EEPROM Memory
D120
ED
Endurance
1M
10M
—
E/W 25
°C at 5V
D121
VDRW
VDD for read/write
VMIN
—5.5
V
VMIN = Minimum operating
voltage
D122
TDEW
Erase/Write cycle time
—
5
6
ms
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25
°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com