Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 25 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PS200 Datasheet HTML 21Page - Microchip Technology PS200 Datasheet HTML 22Page - Microchip Technology PS200 Datasheet HTML 23Page - Microchip Technology PS200 Datasheet HTML 24Page - Microchip Technology PS200 Datasheet HTML 25Page - Microchip Technology PS200 Datasheet HTML 26Page - Microchip Technology PS200 Datasheet HTML 27Page - Microchip Technology PS200 Datasheet HTML 28Page - Microchip Technology PS200 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 23
PS200
5.8
Current Voltage Measurement Block
TABLE 5-7:
DC CHARACTERISTICS (PINS LOOPIN, CTRLIN, IFBINB, IFBINA INPUTS;
PIN IFBOUT OUTPUT)
TABLE 5-8:
AC CHARACTERISTICS (PINS LOOPIN, CTRLIN, IFBINB, IFBINA INPUTS;
PIN IFBOUT OUTPUT)
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
VDD = 2.7V to 5.5V, TA = 25°C, VCM = VDD/2,
RL = 100 k
Ω to VDD/2 and VOUT ~ VDD/2
Operating Temperature -40°C to +85°C for Industrial
Param
No.
Sym
Parameters
Min
Typ
Max
Units
Conditions
001
VOS
Input Offset Voltage
—±5
—
mV
002
003
IB
IOS
Input Current and Impedance
Input Bias Current
Input Offset Bias Current
—
—
±2*
±1*
—
—
nA
pA
004
005
VCM
CMR
Common Mode
Common Mode Input Range
Common Mode Rejection
VSS
TBD
—
70
VDD – 1.4
—
V
dB
VDD = 5V
VCM = VDD/2, Frequency = DC
006A
006B
AOL
AOL
Open-Loop Gain
DC Open-Loop Gain
DC Open-Loop Gain
—
—
90
60
—
—
dB
dB
No load
Standard load
007
008
VOUT
ISC
Output
Output Voltage Swing
Output Short Circuit Current
VSS + 50
—
—
25
VDD – 50
TBD
mV
mA
TO VDD/2 (20 k
Ω connected to VDD,
20 k
Ω + 20 pF to VSS)
010
PSR
Power Supply
Power Supply Rejection
80
—
—
dB
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
VDD = 2.7V to 5.5V, VSS = GND, TA = 25°C, VCM = VDD/2,
RL = 100 k
Ω to VDD/2 and VOUT = VDD/2
Operating Temperature -40°C to +85°C for Industrial
Param
No.
Sym
Parameters
Min
Typ
Max
Units
Conditions
011
GBWP
Gain Bandwidth Product
—3
—
MHz
VDD = 5V
012
TON
Turn-on Time
—10
TBD
μsVDD = 5V
013
ΘM
Phase Margin
—
60
—
degrees VDD = 5V
014
SR
Slew Rate
2TBD
—
V/
μsVDD = 5V
Legend: TBD = To Be Determined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com