Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 20 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PS200 Datasheet HTML 16Page - Microchip Technology PS200 Datasheet HTML 17Page - Microchip Technology PS200 Datasheet HTML 18Page - Microchip Technology PS200 Datasheet HTML 19Page - Microchip Technology PS200 Datasheet HTML 20Page - Microchip Technology PS200 Datasheet HTML 21Page - Microchip Technology PS200 Datasheet HTML 22Page - Microchip Technology PS200 Datasheet HTML 23Page - Microchip Technology PS200 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
PS200
DS21891B-page 18
© 2005 Microchip Technology Inc.
5.7
AC Characteristics: PS200 (Industrial)
FIGURE 5-1:
EXTERNAL CLOCK TIMING
TABLE 5-2:
EXTERNAL CLOCK TIMING REQUIREMENTS
FOSC
Q4
Q1
Q2
Q3
Q4
Q1
1
2
3
3
4
4
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
FOSC
Oscillator Frequency(1)
—
8
—
MHz
Using PS200 internal oscillator
1TOSC
Oscillator Period(1)
—
125
—
ns
Using PS200 internal oscillator
† Data in “Typ” column is at 5 V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com