Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 12 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PS200 Datasheet HTML 8Page - Microchip Technology PS200 Datasheet HTML 9Page - Microchip Technology PS200 Datasheet HTML 10Page - Microchip Technology PS200 Datasheet HTML 11Page - Microchip Technology PS200 Datasheet HTML 12Page - Microchip Technology PS200 Datasheet HTML 13Page - Microchip Technology PS200 Datasheet HTML 14Page - Microchip Technology PS200 Datasheet HTML 15Page - Microchip Technology PS200 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
PS200
DS21891B-page 10
© 2005 Microchip Technology Inc.
TABLE 2-1:
PS200 LITHIUM CONFIGURABLE PARAMETERS
Step 1 – Configuration
Parameter Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Description
MfgName
—
N/A
N/A
Microchip
ASCII value.
DevName
—
N/A
N/A
PS200
ASCII value.
SeriesCells
1
1
255
4
Number of series connected cells in the battery pack.
Capacity (mAh)
2
0
65535
2000
Full-charge capacity of the battery pack.
PWMFreq
1
7
83
15
LUT value which determines the PWM frequency.
Step 2 – Charging Limits
Parameter Name
#
Bytes
Lower
Limit
Upper
Limit
Typical
Value
Description
PCVMin (mV)
2
0
65535
2500
Minimum cell voltage required to enable charging with precharge
conditions.
PCVMax (mV)
2
0
65535
3000
Maximum cell voltage required to enable charging with
precharge conditions.
PCCurrent (mA)
2
0
65535
200
Charging current during precharge.
PCTempMin
1
0
255
50
Minimum temperature required to enable charging with
precharge conditions.
PCTempMin value = (temperature °C * 10 + 200)/4;
so typical value of 50 = 0°C.
PCTempMax
1
0
255
175
Maximum temperature required to enable charging with
precharge conditions.
PCTempMax value = (temperature °C * 10 + 200)/4;
so typical value of 175 = 50°C.
PCTime (min)
1
0
255
60
Duration of precharge.
CRVTarg (mV)
2
0
65535
4200
Target cell voltage in current regulation. This is set to the fully
charged voltage of one cell, typically, as specified by the cell
manufacturer.
CRCurrent (mA)
2
0
65536
2000
Charging current during current regulation.
CRTimeMax (min)
1
0
255
90
Current regulation time limit.
VRVrech (mV)
2
0
65536
3780
Voltage regulation recharge cell voltage. Charger will
automatically begin charging if cell voltage of pack falls below
SeriesCells * VRVrech.
VRIMin (mA)
2
0
65536
150
Voltage regulation fully charged current. This is the value of the
taper current or IMIN which will determine that the battery is fully
charged.
VRTimeMax (min)
1
0
255
90
Voltage regulation time limit.
TempMax
1
0
255
200
Maximum temperature required to enable charging during
current regulation and voltage regulation.
TempMax value = (temperature °C * 10 + 200)/4;
so typical value of 200 = 60°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com