Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 17 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PS200 Datasheet HTML 13Page - Microchip Technology PS200 Datasheet HTML 14Page - Microchip Technology PS200 Datasheet HTML 15Page - Microchip Technology PS200 Datasheet HTML 16Page - Microchip Technology PS200 Datasheet HTML 17Page - Microchip Technology PS200 Datasheet HTML 18Page - Microchip Technology PS200 Datasheet HTML 19Page - Microchip Technology PS200 Datasheet HTML 20Page - Microchip Technology PS200 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
© 2005 Microchip Technology Inc.
DS21891B-page 15
PS200
5.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings†
Ambient temperature under bias................................................................................................................. -40 to +125°C
Storage temperature .............................................................................................................................. -65°C to +150°C
Voltage on VDD with respect to VSS ............................................................................................................ -0.3 to +6.5V
Voltage on RESET with respect to Vss ......................................................................................................-0.3 to +13.5V
Voltage on HVOUT with respect to Vss ........................................................................................................... 0V to +8.5V
Voltage on all other pins with respect to VSS ................................................................................. -0.3V to (VDD + 0.3V)
Total power dissipation(1) ..................................................................................................................................... 800 mW
Maximum current out of VSS pin ........................................................................................................................... 300 mA
Maximum current into VDD pin .............................................................................................................................. 250 mA
Input clamp current, IIK (VI < 0 or VI > VDD)
...................................................................................................................... ±20 mA
Output clamp current, IOK (Vo < 0 or Vo >VDD)
................................................................................................................ ±20 mA
Maximum output current sunk by any I/O pin...................................................................................................... 25 mA(2)
Maximum output current sourced by each Port .................................................................................................. 50 mA(2)
Note 1: Power dissipation is calculated as follows: PDIS = VDD x {IDD –
∑ IOH} + ∑ {(VDD – VOH) x IOH} + ∑(VOL x IOL).
2: Total source current must not exceed the shunt regulator capacity.
5.1
Reliability Targets
5.2
Design Targets
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at those or any other conditions above
those indicated in the operation listings of this specification is not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability.
The device must be designed to target the following reliability specifications:
ESD:
±4000V HBM
±400V MM
all pins including VDD, VSS, RESET
Latch-up: ±400 mA @ 125°C
The AC/DC specifications included in the following sections are preliminary specifications that we intend to publish
at product introduction. As the product matures, we intend to expand the specifications. Therefore, design should
try and meet the following extended VDD/temperature targets:
1.
Frequency of operation: DC – 4 MHz, VDD = 2.0V – 5.5V, -40°C to 125°C
2.
Frequency of operation: DC – 20 MHz, VDD = 4.5V – 5.5V, -40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com