Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS200 Datasheet(PDF) 18 Page - Microchip Technology

Part # PS200
Description  PowerSmart짰 Configurable Battery Charger
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS200 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PS200 Datasheet HTML 14Page - Microchip Technology PS200 Datasheet HTML 15Page - Microchip Technology PS200 Datasheet HTML 16Page - Microchip Technology PS200 Datasheet HTML 17Page - Microchip Technology PS200 Datasheet HTML 18Page - Microchip Technology PS200 Datasheet HTML 19Page - Microchip Technology PS200 Datasheet HTML 20Page - Microchip Technology PS200 Datasheet HTML 21Page - Microchip Technology PS200 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PS200
DS21891B-page 16
© 2005 Microchip Technology Inc.
5.3
DC Characteristics
5.4
Shunt Regulator
TABLE 5-1:
SHUNT REGULATOR SPECIFICATIONS
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C to +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
D001B
D001C
VDD
Supply Voltage
2.0
4.5
—
—
5.0
5.0
V
V
FOSC <= 4 MHz
FOSC > 4 MHz
D002
VDR
RAM Data Retention Voltage(1)
1.5*
—
—
V
Device in Sleep mode
D003
VPOR
VDD Start Voltage to ensure
internal Power-on Reset signal
—VSS
—
V
See section on Power-on Reset
for details
D004
SVDD
VDD Rise Rate to ensure internal
Power-on Reset signal
0.05*
—
—
V/ms See section on Power-on Reset
for details
D005
VBOR
VDD Voltage required to initiate a
Brown-out Detect
—2.1
—
V
D010S
IDD
Supply Current(2)
——
—
mA
VDD and current are constant due
to shunt regulator.
D020
IPD
Power-Down Current(3)
—2.9
TBD
nA
VDD = 5.0V, WDT disabled
Legend: TBD = To Be Determined
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested
Note 1:
This is the limit to which VDD can be lowered in Sleep mode without losing RAM data.
2:
The test conditions for all IDD measurements in active operation mode are: OSC1 = external square wave,
from rail to rail; all I/O pins tri-stated, pulled to VDD; RESET = VDD.
3:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is
measured with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD and VSS.
Shunt Regulator Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature -40°C to +125°C
Characteristic
Sym
Min
Typ
Max
Units
Comments
Shunt Voltage
VSHUNT
4.75
—
5.25
Volts
Shunt Current
ISHUNT
4—
50
mA
Shunt Resistance
RSHUNT
——
3
Ω
Settling Time*
TSETTLE
—
—
150
ns
To 1% of final value
Load Capacitance
CLOAD
0.01
—
10
μF
Bypass capacitor on
VDD pin
Regulator Operating Current
ΔISNT
—180
—
μA
Includes band gap
reference current
*
These parameters are characterized but not tested.
Note:
The
Δ current is the additional current consumed when this peripheral is enabled. This current should be
added to the base IDD or IPD measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com