Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 18Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 19Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 20Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 21Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 22Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 23Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 24Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
MCP2140A
DS22050A-page 22
© 2007 Microchip Technology Inc.
2.13
Optical Interface
The MCP2140A requires an infrared transceiver for the
optical interface. This transceiver can be a single-chip
solution (integrated) or be implemented with discrete
devices.
The MCP2140A was designed to interface to a
integrated Optical Transceiver, although it can interface
to a discrete solution as long as the MCP2140A
specifications are meet.
The MCP2140 required a wave shaping circuit to inter-
face to typical integrated optical transceivers. An
Example circuit is shown in the user guides of the
MCP2140 Demo and evaluation boards. This circuit is
shown in Figure 2-16. This circuit inverts the optical
transceivers RXD signal.
The MCP2140A requires that the RXD signal is not
inverted.
Figure 2-17
shows
how
the
Microchip
example wave shaping circuit can be modified with
simple
component
replacement
to
support
the
MCP2140A. Figure 2-19 shows the RXD signal
characteristics before and after the modified wave
shaping circuit (Figure 2-17).
Table 2-2 shows the schematic symbols for the
example MCP2140 wave shaping circuit, and the
component changes required to make the PCB layout
compatible with the MCP2140A. The layout is not
required to be changed since the BAT54 is a Schottky
Diode in a SOT-23-3 package with the desired pin
connections, the capacitor footprint can easily be
replaced by a resistor (0
Ω), and the R16 resistor can be
removed since it is not involved with the circuit.
Figure 2-18 shows a simple “Blue Wire” modification
that can be done.
TABLE 2-2:
EXAMPLE MCP2140 WAVE
SHAPING CIRCUIT TO
MCP2140A COMPONENT
CHANGES
Table 2-4 shows a list of common manufacturers of
integrated optical transceivers.
FIGURE 2-16:
MCP2140 WAVE SHAPING
CIRCUIT FOR
INTEGRATED OPTICAL
TRANSCEIVER
FIGURE 2-17:
MCP2140A
MODIFICATIONS OF
MCP2140 WAVE SHAPING
CIRCUIT
Component
Symbol
MCP2140 Device
(value)
MCP2140A
Device (value)
C19
Capacitor (47pF)
Resistor (0
Ω) (1)
R11
—
—
R13
—
—
R16
Resistor
(100
Ω)
—
R20
Resistor
(4.7 k
Ω)
Resistor
(4.7 K
Ω) (1)
Q1
(SOT-23-3)
PNP Transistor
(MMUN2111LT1)
Schottky Diode
(BAT54) (1)
Note 1: This device is changed from MCP2140
Wave Shaping Circuit implementation.
R13
RXPD
(MCP2140
C19
Q1
47 pF
MMUN2111LT1
+5V
RXPDREF
(MCP2140 Pin 1)
10 k
Ω
R14
10 k
Ω
R15
R20
4.7 k
Ω
+5V
100
Ω
R16
R11
Pin 18)
RXD
optional
optional
1
3
2
R13
RXPD
(MCP2140A
C19
Q1
0
Ω
BAT54
+5V
RXPDREF
(MCP2140A Pin 1)
10 k
Ω
R14
10 k
Ω
R15
R20
4.7 k
Ω
+5V
R16 (Open)
R11
Pin 18)
RXD
optional
optional
1
3
Schottky
Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com