Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 23Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 24Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 27Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 28Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 29Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 30Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 27
MCP2140A
3.3
MCP2140 IrDA Wireless
Temperature Sensor Demo Board
Part Number: MCP2140DM-TMPSNS
Devices Supported: MCP2140 and
MCP2140A
The MCP2140 IrDA Standards Wireless Temp Sensor
Demo Board demonstrates the MCP2140 device in a
real world application. The system designer can use
this design as an example of how to integrate an IrDA
standard port in their system.
FIGURE 3-3:
MCP2140 IRDA
WIRELESS
TEMPERATURE SENSOR
DEMO BOARD
Features:
• Demonstrates the MCP2140 IrDA Protocol
Controller in a data logging application
• Communicates directly to a laptop computer,
Palm or Pocket PC PDA
• Primary device application programs are provided
to demonstrate operation (for PC, Palm OS,
Pocket PC)
• Demonstrates the MCP2140 IrDA Protocol
Controller in a data logging application
• F/W routines transmit TC1047A temperature and
other data to a primary device (i.e., Laptop, PDA)
• Reprogrammable PIC18F1320 with ICSP™
(In-Circuit Serial Programming™) interface and
ICD header
• Operates on 3 AAA alkaline batteries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com