Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 8Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 9Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 10Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 11Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 12Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 13Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 14Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 15Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MCP2140A
DS22050A-page 12
© 2007 Microchip Technology Inc.
2.5
Encoder/Decoder
The encoder converts the UART format data into the
IrDA Standard format data and the decoder converts
IrDA Standard format data into UART format data.
2.5.1
ENCODER (MODULATION)
The data that the MCP2140A UART received (on the
TX pin) that needs to be transmitted (on the TXIR pin)
is modulated. This modulated signal drives the IR
transceiver module. Figure 2-6 shows the encoding of
the modulated signal.
Each bit time is comprised of 16-bit clocks. If the value
to be transmitted (as determined by the TX pin) is a
logic-low, the TXIR pin will output a low level for 7-bit
clock cycles, a logic high level for 3-bit clock cycles or
a minimum of 1.6 µs (see Parameter IR121). The
remaining 6-bit clock cycles will be low. If the value to
transmit is a logic-high, the TXIR pin will output a low
level for the entire 16-bit clock cycles.
FIGURE 2-6:
ENCODING
Note:
The signal on the TXIR pin does not
actually line up in time with the bit value
that was transmitted on the TX pin, as
shown in Figure 2-6. The TX bit value is
shown to represent the value to be
transmitted on the TXIR pin.
BITCLK
TX Bit
TXIR
01
0
0
0
1
16 CLK
7 CLK
Start Bit
Data bit 0
Data bit 1
Data bit 2
Data bit ...
12 Tosc
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com