Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 21Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 22Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 23Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 24Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 27Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 28Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 25
MCP2140A
3.0
DEVELOPMENT TOOLS
The MCP2140A currently has three Demo/Develop-
ment boards that can be used to demonstrate or
evaluate the MCP2140A. These boards are:
• MCP215x/40 Data Logger Demo Board
• MCP215x/40 Developers Daughter Board
• MCP2140 Wireless Temperature Sensor Demo
Board
These
boards have
not been
tested
with
the
MCP2140A, but the supplied device can easily be
replaced with the MCP2140A. The waveshaping circuit
of the MCP2140 will need to be modified. See
Section 2.13 “Optical Interface” for additional infor-
mation on modifing the MCP2140 wave shaping circuit.
Please check with the Microchip Technology Inc. web
site (www.microchip.com) for additional boards and
technical information.
3.1
MCP215X/40 Data Logger Demo
Board
Part Number: MCP215XDM
Devices Supported: MCP2150, MCP2155,
MCP2140, and MCP2140A
The MCP215X IrDA Data Logger Demo Board
demonstrates the MCP2150 (or MCP2155) IrDA
Standard Protocol Stack Controller device in a real
world application. The system designer can use this
design as an example of how to integrate an IrDA
standard port in their embedded system.
FIGURE 3-1:
MCP215X/40 DATA
LOGGER DEMO BOARD
Features:
• Demonstrates the MCP2150 IrDA Protocol
Controller in a data logging application
• Communicates directly to a Laptop computer,
Palm or Pocket PC PDA
• Primary Device application programs are
provided to demonstrate operation (for PC, Palm
OS, Pocket PC)
• F/W routines transmit data to a Primary Device
(i.e., Laptop, PDA)
• LCD display indicates system state
• Reprogrammable PIC16F877 with ICSP™
(In-Circuit Serial Programming™) interface and
ICD header
• Interface Header allows board to be interfaced to
a prototype system application
• Header allows other Optical Transceiver circuits
to be interfaced to the MCP215X device
• Operates on 9V DC input or a 9V battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com