Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 54 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 54 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 50Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 51Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 52Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 53Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 54Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 55Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 56Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 57Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 60 page
background image
MCP2140A
DS22050A-page 54
© 2007 Microchip Technology Inc.
C.1.3
IrLMP
The IrLMP protocol provides:
• Multiplexing of the IrLAP layer. This allows
multiple channels above an IrLAP connection
• Protocol and service discovery. This is
accomplished via the Information Access Service
(IAS)
When two devices that contain the IrDA standard
feature are connected, there is generally one device
that has something to do and the other device that has
the resource to do it. For example, a laptop may have
a job to print and an IrDA standard compatible printer
has the resources to print it. In IrDA standard
terminology, the laptop is a Primary Device and the
printer is the Secondary Device. When these two
devices connect, the Primary Device must determine
the capabilities of the Secondary Device to determine if
the Secondary Device is capable of doing the job. This
determination is made by the Primary Device asking
the
Secondary
Device
a
series
of
questions.
Depending on the answers to these questions, the
Primary Device may or may not elect to connect to the
Secondary Device.
The queries from the Primary Device are carried to the
Secondary Device using IrLMP. The responses to
these queries can be found in the Information Access
Service (IAS) of the Secondary Device. The IAS is a list
of the resources of the Secondary Device. The Primary
Device
compares
the
IAS
responses
with
its
requirements and then makes the decision if a
connection should be made.
C.1.4
LINK MANAGEMENT -
INFORMATION ACCESS SERVICE
(LM-IAS)
Each LM-IAS entity maintains an information database
to provide:
• Information on services for other devices that
contain the IrDA standard feature (Discovery)
• Information on services for the device itself
• Remote accessing of another device’s information
base
This is required so that clients on a remote device can
find configuration information needed to access a
service.
C.1.5
TINY TP
Tiny
TP
provides
the
flow
control
on
IrLMP
connections. An optional service of Segmentation and
Reassembly can be handled.
C.1.6
IRCOMM
IrCOMM provides the method to support serial and
parallel port emulation. This is useful for legacy COM
applications, such as printers and modem devices.
The IrCOMM standard is a syntax that allows the
Primary Device to consider the Secondary Device a
serial device. IrCOMM allows for emulation of serial or
parallel (printer) connections of various capabilities.
FIGURE C-5:
IRCOMM SERVICE CLASSES
Note:
The
MCP2140A
supports
the 9-wire
“cooked” service class of IrCOMM. Other
service classes supported by IrCOMM are
shown in Figure C-5.
IrCOMM Services
Uncooked Services
Cooked Services
Parallel
Serial
IrLPT
3-wire Raw
Parallel
Centronics
IEEE 1284
Serial
3-wire Cooked
9-wire Cooked
Supported by MCP2140A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com