Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 22Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 23Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 24Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 27Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 28Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 29Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
MCP2140A
DS22050A-page 26
© 2007 Microchip Technology Inc.
3.2
MCP215X/40 Developer's
Daughter Board
Part Number: MCP215X/40EV-DB
Devices Supported: MCP2150, MCP2155,
MCP2140, and MCP2140A
The MCP215X/40 Developer’s Daughter Board is used
to evaluate and demonstrate the MCP2150, MCP2155
or the MCP2140 IrDA® Standard Protocol Handler with
Encoder/Decoder devices.
Headers allow the MCP215X/40 Developer’s Daughter
Board to be easily jumpered into systems for develop-
ment purposes.
The MCP215X/40 Developer’s Daughter Board is
designed to interface to several of the “new” low-cost
PICmicro® Demo Boards. These include the PIC-
DEM™ HPC Explorer Demo board, the PICDEM™ FS
USB Demo board, and the PICDEM™ LCD Demo
board.
When the MCP215X/40 Developer’s Daughter Board is
used in conjunction with the PICDEM™ HPC Explorer
Demo board, the MCP215X or MCP2140 can be
connected to either of the PIC18F8772's two UARTs or
the RX and TX signals can be “crossed” so the
MCP215X or MCP2140 device can communicate
directly out the PICDEM™ HPC Explorer Demo
Board's UART (DB-9).
FIGURE 3-2:
MCP215X/40
DEVELOPERS
DAUGHTER BOARD
Features:
• 18-pin socket for installation of MCP2150,
MCP2155, or MCP2140
• Three Optical Transceiver circuits (1 installed)
• MCP2140 Optical Transceiver waveshaping
circuit
• Headers to interface to low cost PICDEM Demo
Boards, including:
- PICDEM™ HPC Explorer Demo Board
- PICDEM™ LCD Demo Board
- PICDEM™ FS USB Demo Board
- PICDEM™ 2 Plus Demo Board
• Headers to easily connect to the user’s
embedded system
• Jumpers to select circuit connections between
MCP2150, MCP2155, and MCP2140
• Jumpers to select routing of MCP215X/40 signals
to the PICDEM™ Demo Board Headers
• Jumpers to configure the operating mode of the
board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com