Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 25Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 26Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 27Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 28Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 29Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 30Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 31Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 32Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 29
MCP2140A
4.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings†
Ambient Temperature under bias ........................................................................................................... –40°C to +125°C
Storage Temperature ............................................................................................................................. –65°C to +150°C
Voltage on VDD with respect to VSS ........................................................................................................... -0.3V to +6.5V
Voltage on RESET with respect to VSS ...................................................................................................... -0.3V to +14V
Voltage on all other pins with respect to VSS ................................................................................. –0.3V to (VDD + 0.3V)
Total Power Dissipation (1) ...................................................................................................................................800 mW
Max. Current out of VSS pin .................................................................................................................................. 300 mA
Max. Current into VDD pin ..................................................................................................................................... 250 mA
Input Clamp Current, IIK (VI < 0 or VI > VDD)
................................................................................................................... ±20 mA
Output Clamp Current, IOK (V0 < 0 or V0 > VDD)
............................................................................................................. ±20 mA
Max. Output Current sunk by any Output pin..........................................................................................................25 mA
Max. Output Current sourced by any Output pin.....................................................................................................25 mA
Note 1: Power Dissipation is calculated as follows: PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
†NOTICE: Stresses above those listed under “Maximum ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended periods
may affect device reliability.
Note:
Voltage spikes below VSS at the RESET pin, inducing currents greater than 80 mA, may cause latch-up.
Thus, a series resistor of 50 - 100
Ω should be used when applying a “low” level to the RESET pin rather
than pulling this pin directly to VSS. .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com