Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 12Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 13Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 14Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 15Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 16Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 17Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 18Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 19Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
MCP2140A
DS22050A-page 16
© 2007 Microchip Technology Inc.
2.10
Buffers and Throughput
The IR data rate of the MCP2140A is fixed at
9.6 kbaud. The actual throughput will be less due to
several factors. Many significant factors are under the
control of the developer. One factor beyond the control
of the designer is the overhead associated with the
IrDA standard.
Depending on the application, throughput may be an
issue in one or both directions.
2.10.1
THROUGHPUT
Throughput is dependant on the direction that the data
is streaming and the characteristics of the Primary
Device and Secondary Device. Streaming throughput
from the Secondary Device may be different with
different Primary Devices. Also streaming throughput
from the Secondary Device may be different than
streaming throughput to the Secondary Device, with
the same Primary Device. Throughput examples are
shown in Table 2-4. These examples are based on
actual observed data communications.
Figure 2-11
shows
an
example
communications
sequence between a Primary Device and a Secondary
Device (MCP2140A). In this example after the “Primary
Device Sends Open Link Frame”, the time for the
Secondary Devices response is fixed by the operation
of the MCP2140A. After the “Primary Device Decodes
Secondary Device Response” the “Primary Device
Responds to Secondary Device”. Throughput may be
improved if the application program can be written so
that the Primary Device response as fast as possible.
Also when the “Secondary Device Sends Data”, the
frame should have the maximum number of data bytes.
Figure 2-12 shows the screen-capture of a Host
Controller (and MCP2140A) streaming (transmitting)
250 bytes to a Primary Device (PIC24 + IrDA Standard
Stack Library).
Figure 2-13 shows the screen-capture of a MCP2140A
(and Host Controller) receiving 250 streamed bytes
from a Primary Device (PIC24 + IrDA Standard Stack
Library).
Figure 2-14 shows a second screen-capture of a Host
Controller (and MCP2140A) streaming (transmitting)
250 bytes to a Primary Device (Notebook PC with IR
port).
TABLE 2-4:
THROUGHPUT EXAMPLES - 250 BYTES (3)
FIGURE 2-10:
HOST UART RECEIVE BUFFER AND CTS WAVEFORM
Note:
IrDA throughput is based on many factors
associated with characteristics of the
Primary and Secondary devices. These
characteristics may cause your through-
put to be more or less than is shown in
Table 2-4.
Primary Device
Secondary
Device
Data
Streaming
Direction
250 Byte
Transmit Time
(ms) (1)
Effective
Baud Rate (2)
Comment
PC (6)
MCP2140A (5)
S -> P
354
7062
Figure 2-14
Note 7
MCP2140
S -> P
650 (7)
3692
PIC IrDA Standard Stack (4) MCP2140A (5)
S -> P
337
7418
Figure 2-12
PIC IrDA Standard Stack (4) MCP2140A (5)
P -> S
549
4553
Figure 2-13
PDA (HP iPAQ hx2495b)
MCP2140A (5)
S -> P
332
7530
Figure 2-15
Note 1:
Measured from Figure. (see comment)
2:
Interpolated from Figure. (see comment)
3:
10 bits transferred for each byte.
4:
Using the PIC24 Explorer 16 Development Board with IR Transceiver Board
5:
Using the MCP215X/40 Data Logger Demo Board and Board Firmware V1.4
6:
IBM 600X Thinkpad (notebook computer) running Windows XP Professional (SP1)
7:
MCP2140 Data Sheet, DS21790, Table 2-4, MCP2140 transmitted 240 bytes in this transmit time.
CTS
Receive Buffer Empty
MCP2140A Can Receive Data
Receive Buffer Has 59 Bytes,
Receive Buffer
Receive Buffer Empty
MCP2140A Can Receive Data
IR Data Packet Transmitted
Full (60 Bytes)
CTS Pin Driven High
IR Data Packet Starts Transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com