Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2140AT-I/SS Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP2140AT-I/SS
Description  IrDA짰 Standard Protocol Stack Controller With Fixed 9600 Baud Communication Rate
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2140AT-I/SS Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP2140AT-I/SS Datasheet HTML 49Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 50Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 51Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 52Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 53Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 54Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 55Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 56Page - Microchip Technology MCP2140AT-I/SS Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 60 page
background image
© 2007 Microchip Technology Inc.
DS22050A-page 53
MCP2140A
C.1.2
IrLAP
The IrLAP protocol provides:
• Management of communication processes on the
link between devices
• A device-to-device connection for the reliable,
ordered transfer of data
• Device discover procedures
• Hidden node handling. 115.2 kbaud
Figure C-3 identifies the key parts and hierarchy of the
IrDA protocols. The bottom layer is the Physical layer,
IrPHY. This is the part that converts the serial data to
and from pulses of IR light. IR transceivers can’t
transmit and receive at the same time. The receiver
has to wait for the transmitter to finish sending. This is
sometimes referred to as a “Half-Duplex” connection.
The IR Link Access Protocol (IrLAP) provides the
structure for packets (or “frames”) of data to emulate
data that would normally be free to stream back and
forth.
FIGURE C-3:
IrDA STANDARD PROTOCOL
LAYERS
Figure C-4 shows how the IrLAP frame is organized.
The frame is preceded by some number of Beginning
of Frame characters (BOFs). The value of the BOF is
generally 0xC0, but 0xFF may be used if the last BOF
character is a 0xC0. The purpose of multiple BOFs is to
give the other station some warning that a frame is
coming.
The IrLAP frame begins with an address byte (“A”
field), then a control byte (“C” field). The control byte is
used to differentiate between different types of frames
and is also used to count frames. Frames can carry
status, data or commands. The IrLAP protocol has a
command syntax of it’s own. These commands are part
of the control byte. Lastly, IrLAP frames carry data.
This data is the information (or “I”) field. The integrity of
the frame is ensured with a 16-bit CRC, referred to as
the Frame Check Sequence (FCS). The 16-bit CRC
value is transmitted LSB first. The end of the frame is
marked with an EOF character, which is always a
0xC1. The frame structure described here is used for
all versions of IrDA protocols used for serial wire
replacement for speeds up to 115.2 kbaud.
FIGURE C-4:
IrLAP FRAME
In addition to defining the frame structure, IrLAP
provides the “housekeeping” functions of opening,
closing and maintaining connections. The critical
parameters that determine the performance of the link
are part of this function. These parameters control how
many BOFs are used, identify the speed of the link,
how fast either party may change from receiving to
transmitting, etc. IrLAP has the responsibility of
negotiating these parameters to the highest common
set so that both sides can communicate as quickly and
reliably as possible.
Note:
Not supported by MCP2140A.
Host O.S. or Application
IrCOMM
IrLAP
IrPHY
Protocols
resident in
MCP2140A
IR pulses
transmitted
and
received
IrLMP
–
IAS
Note 1: The
MCP2140A
only
supports
communication baud rate of 9600 baud.
2: Another IrDA standard that is entering
into general usage is IR Object Exchange
(IrOBEX). This standard is not used for
serial connection emulation.
3: IrDA communication standards faster
than 115.2 kbaud use a different CRC
method and physical layer.
X BOFs BOF A C
FCS
I
EOF
(1+N) of C0h payload
2
bytes C1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com