Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 7Page - NXP Semiconductors TDA9143 Datasheet HTML 8Page - NXP Semiconductors TDA9143 Datasheet HTML 9Page - NXP Semiconductors TDA9143 Datasheet HTML 10Page - NXP Semiconductors TDA9143 Datasheet HTML 11Page - NXP Semiconductors TDA9143 Datasheet HTML 12Page - NXP Semiconductors TDA9143 Datasheet HTML 13Page - NXP Semiconductors TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
1996 Jan 17
11
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
When the controller is in the NEAR_NORM state it will
move to the COUNT state if it detects the vertical sync
pulse within the NEAR_NORM window (i.e.
622 < LC < 628). If no vertical sync pulse is detected the
controller will move back to the COUNT state when the line
counter reaches LC = 628. The line counter will then be
reset.
When the controller is in the NO_NORM state, it will move
to the COUNT state when it detects a vertical sync pulse
and reset the line counter. If a vertical sync pulse is not
detected before LC = 722 (if the
ϕ1 loop is locked in forced
mode) it will move to the COUNT state and reset the line
counter. If the
ϕ1 loop is not locked the controller will return
to the COUNT state when LC = 628.
The forced mode option keeps the controller in either the
left-hand side (60 Hz) or the right-hand side (50 Hz) of the
state diagram.
Figure 6 illustrates the state diagram of the norm counter
which is an up/down counter that increases its counter
value by 1 if it finds a vertical sync pulse within the selected
window. If not, it decreases the counter value by 1 (or 2,
see Fig.6). In the NEAR_NORM and NORM states the first
correct vertical sync pulse after one or more incorrect
vertical sync pulses is processed as an incorrect pulse.
This procedure prevents the system from staying in the
NEAR_NORM or NORM state if the vertical sync pulse is
correct in the first field and incorrect in the second field.
In case of no sync lock (SLN = 1) the norm counter is reset
to NO_NORM (wide search window), for fast vertical
catching when switching between video sources. Fast
switching between different channels however can still
result in a continuous horizontal sync lock situation, when
the channel is changed before the norm counter has
reached the NORM state. To provide faster vertical
catching in this case, measures have been taken to
prevent the norm counter to count down to zero before
reaching the NO_NORM state (see left-hand of Fig.6). Bus
bit FWW (forced wide window) enables the norm counter
to stay in the NO_NORM state if desired. The
norm/no_norm status is read out by bus bit NRM.
Fig.6 State diagram of the norm counter.
(1) VSP found: count 1 up; no VSP found: count 2 down.
handbook, full pagewidth
MGE041
NORM
NO
NORM
NEAR
NORM
NEAR
NORM
NEAR
NORM
22
< NC ≤ 27
0
≤ NC < 12
10
< NC < 26(1)
10
< NC < 17
0
< NC < 14
NC = 26
NC = 17
NC = 14
NC
=
10
(RESET
NC)
NC = 22
NC = 0
NC = 12
(RESET NC)
norm test area
near_norm test area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com