Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors TDA9143 Datasheet HTML 24Page - NXP Semiconductors TDA9143 Datasheet HTML 25Page - NXP Semiconductors TDA9143 Datasheet HTML 26Page - NXP Semiconductors TDA9143 Datasheet HTML 27Page - NXP Semiconductors TDA9143 Datasheet HTML 28Page - NXP Semiconductors TDA9143 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
1996 Jan 17
25
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
Notes to the characteristics
1. All frequency variations are referred to 3.58 MHz or 4.43 MHz carrier frequency. All oscillator specifications are
measured with the Philips crystal series 9920 520 0047x and 9920 520 0048x. The oscillator circuit is insensitive to
the spurious responses of the crystal. The typical crystal parameters for the crystals mentioned above are:
a) Load resonance frequency f0 = 4.433619 MHz or 3.579545 MHz (CL = 20 pF).
b) Motional capacitance CM = 20.6 × fF (4.43 MHz crystal) or 14.7 × fF (3.58 MHz crystal).
c) Parallel capacitance C0 = 5 pF for both crystals.
d) The minimum detuning range can only be specified if both the IC and the crystal tolerances are known and the
general specifications given for the subcarrier regeneration are therefore valid for the specified crystal series. In
the figure tolerances of the crystal with respect to nominal frequency, motional capacitance and ageing have been
taken into account and have been counted for by Gaussian addition.
Whenever different typical crystal parameters are used, the following equation might be helpful for calculating the
impact on the detuning capabilities:
e) Detuning range proportional to:
f) The resulting detuning range should be corrected for temperature shift and supply deviation of both the IC and
the crystal. For the above mentioned crystals, the actual load capacitance in the application should be CL =18pF
to account for parasitic capacitance on and off chip. For 3-norm applications with two crystals connected to one
pin, the maximum load capacitance of the crystal pin should not exceed 12 pF.
2. YD3 and YD2 are equal significant bits, both representing a 160 ns delay step. YD1 represents 80 ns and YD0
represents a 40 ns delay step.
3. This delay is partially caused by the low-pass filter at the sync separator input.
4. The delay between the positive edge of VA and the first negative edge of HA (or positive edge of CLP) after VA is
34.5
µs for field 1 and 2.5 µs for field 2 (17 LLC pulses with or without
respectively).
5. The output signals of the demodulator are called
−(R−Y) and −(B−Y) in this specification. The colour difference input
and output signals of the YUV switch are called UV signals. However, these signals do not have the amplitude
correction factor of real UV signals. They are called UV signals and not
−(R−Y) and −(B−Y) to prevent confusion
between the colour difference signals of the demodulator and the colour difference signals of the YUV switch.
6. The maximum external clamping pulse width is the minimum available blanking level time of the supplied RGB
signals.
C
M
1
C
O
C
L
--------
+


 2
---------------------------
1
2f
H
×
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com