Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors TDA9143 Datasheet HTML 24Page - NXP Semiconductors TDA9143 Datasheet HTML 25Page - NXP Semiconductors TDA9143 Datasheet HTML 26Page - NXP Semiconductors TDA9143 Datasheet HTML 27Page - NXP Semiconductors TDA9143 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
1996 Jan 17
24
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
B
bandwidth at
−1 dB
any input to any output;
CL =15pF
5
−−
MHz
tclamp
internal Y clamping time constant
−
10
−
ms
FAST SWITCH F(PIN 18)
VIL
LOW level input voltage
UV switched on
0
−
0.5
V
VIH
HIGH level input voltage
RGB switched on
0.9
−
3.0
V
td
switching delay
between F and YUV
−−
20
ns
EXTERNAL CLAMP INPUT (PIN 17)
VIL
LOW level input voltage (pin CLP)
no clamping
0
−
0.6
V
VIH
HIGH level input voltage (pin CLP)
clamping
2.4
−
5.5
V
tW(clamp)
clamping pulse width
note 6
1.8
3.5
−µs
Vos(clamp)
clamping offset voltage on UV outputs
−−
10
mV
Zi
input impedance
ECL = 1
3
−−
M
Ω
Colour matrix
Gv
voltage gain
from R to Yout
0.41
0.43
0.45
from G to Yout
0.80
0.84
0.88
from B to Yout
0.15
0.16
0.17
from R to Uout
0.41
0.43
0.45
from G to Uout
0.80
0.84
0.88
from B to Uout
1.21
1.27
1.33
from R to Vout
0.95
1.00
1.05
from G to Vout
0.80
0.84
0.88
from B to Vout
0.15
0.16
0.17
Output and in/output port
O PORT (PIN 16); OPB/CLP MODE
VOH
HIGH level output voltage
4.0
5
5.5
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
100
−−µA
Isource
source current
100
−−µA
I/O PORT; OPB/CLP MODE
VOH
HIGH level output voltage
−−
VCC
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
2
−−
mA
VIH
HIGH level input voltage
2.0
−−
V
VIL
LOW level input voltage
−−
0.6
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com