Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
1996 Jan 17
19
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
FSCOMB OUTPUT (PIN 23)
Vsub(p-p)
subcarrier output voltage amplitude
(peak-to-peak value)
CL = 15 pF
150
200
300
mV
Vcen
comb enable voltage level
4.0
4.2
5.0
V
Vcdis
comb disable voltage level
−
0.1
1.4
V
Isink
sink current to undo forced Y/C mode
of input switch
0.4
−
1.0
mA
RGND
value of grounded resistor to undo
forced Y/C mode of input switch
4
−
10
k
Ω
ACC
ACC control range
−20
−
+6
dB
change of
−(R−Y) and −(B−Y) signals
over range
−−
1dB
colour killer treshold
PAL/NTSC
−34
−31
−28
dB
SECAM
−31
−28
−25
dB
kill/unkill hysteresis
−
3
−
dB
Demodulators
−(R−Y) and −(B−Y) outputs (pins 1 and 2)
GENERAL
ratio of
−(B−Y) to −(R−Y)
standard colour bar
1.20
1.27
1.34
TC
temperature coefficient of
−(R−Y) and
−(B−Y) amplitude
−−
0.1
%/K
spread of
−(R−Y) to −(B−Y) ratio
between standards
−1
−
+1
dB
V−(R−Y)
output level of
−(R−Y) output during
blanking level
1.7
2.1
2.5
V
V−(B−Y)
output level of
−(B−Y) output during
blanking level
1.7
2.0
2.5
V
B
bandwidth at
−3 dB
600
670
750
kHz
Zo
output impedance
−−
500
Ω
∆V
CC
supply voltage dependence
−−
2
%/V
ϕ
hue phase shift (NTSC only)
±35
±45
±55
deg
PAL/NTSC DEMODULATOR
V−(R−Y)(p-p)
−(R−Y) output voltage
(peak-to-peak value)
standard colour bar
480
540
605
mV
V−(B−Y)(p-p)
−(B−Y) output voltage
(peak-to-peak value)
standard colour bar
610
685
765
mV
Vres(p-p)
8.8 MHz residue (peak-to-peak value) both outputs
−−
15
mV
Vres(p-p)
7.2 MHz residue (peak-to-peak value) both outputs
−−
20
mV
Vres(p-p)
4.4 and 3.6 MHz residue
both outputs
−−
tbf
mV
S/N
signal-to-noise ratio
0 to 1 MHz
46
−−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com