Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 12Page - NXP Semiconductors TDA9143 Datasheet HTML 13Page - NXP Semiconductors TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
1996 Jan 17
16
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
OUTPUT SIGNALS
Table 28 Power-on reset
Table 29 Field frequency indication
Table 30 Input switch mode
Table 31
ϕ
1 lock indication
Table 32 Input value I/O port
Table 33 Standard read-out
POR
CONDITION
0
normal mode
1
power-down mode
FSI
CONDITION
050 Hz
160 Hz
YC
CONDITION
0
CVBS mode
1
Y/C mode
SL
CONDITION
0
not locked
1
locked
IP
LEVEL
0
LOW
1
HIGH
SAK
SBK
FRQ
STANDARD
0
0
0
PAL second crystal
0
0
1
PAL reference crystal
0
1
0
NTSC second crystal
0
1
1
NTSC reference crystal
1
0
0
illegal forced mode
1
0
1
SECAM reference crystal
11
−
colour off
Table 34 Fast blanking active
Table 35 Norm/no_norm indication in vertical divider
system
Table 36 Signal-to-noise ratio
Table 37 Crystal indication read-out
FBA
CONDITION
0
no fast blanking detected
1
fast blanking detected
NRM
CONDITION
0
no_norm or near_norm
1
norm
SNR
CONDITION
0
S/N > 20 dB
1
S/N < 20 dB
SXA
SXB
CRYSTAL
00
2
× 3.6 MHz
01
1
× 3.6 MHz
10
1
× 4.4 MHz
11
1
× 3.6 MHz and 1 × 4.4 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com