Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors TDA9143 Datasheet HTML 24Page - NXP Semiconductors TDA9143 Datasheet HTML 25Page - NXP Semiconductors TDA9143 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
1996 Jan 17
22
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
Vo
DC output voltage level
−
2.5
−
V
td
delay between negative edge of LLC
and positive edge of HA pulse
CL = 15 pF
102040ns
Vertical section
VERTICAL OSCILLATOR
ffr
free running frequency
FORF = 1; divider ratio 628
−
50
−
Hz
FORF = 0; divider ratio 528
−
60
−
Hz
fLR
frequency locking range
43
−
64
Hz
LR
divider locking range
488
625
722
VA OUTPUT (PIN 11); ECL = 0
VOH
HIGH level output voltage
4.0
5
5.5
V
VOL
LOW level output voltage
−
0.2
0.4
V
Isink
sink current
2
−−
mA
Isource
source current
2
−−
mA
tW(VA)
VA pulse width
2.5/fH
50 Hz standard
−
160
−µs
3/fH
60 Hz standard
−
192
−µs
td
delay between start of vertical sync
pulse and positive edge of VA
note 4; see Fig.7
−
35
−µs
Zo
output impedance
ECL = 1
3
−−
M
Ω
Sandcastle output (pin 10)
Vo
zero level output voltage
0
0.5
1
V
Isink
sink current
0.5
0.7
0.9
mA
HORIZONTAL AND VERTICAL BLANKING
Vbl
blanking voltage level
2.2
2.5
2.8
V
Isource
source current
0.5
0.7
0.9
mA
Iext
external current required to force the
output to the blanking level
1.0
−
3.0
mA
tW(H)
horizontal blanking pulse width
69 LLC pulses
−
10.0
−µs
td
delay between start of horizontal
blanking and start of clamping pulse
44 LLC pulses
−
6.4
−µs
CLAMPING PULSE
Vclamp
clamping voltage level
4.2
4.5
4.8
V
Isource
source current
0.5
0.7
0.9
mA
tW(clamp)
clamping pulse width
25 LLC pulses
−
3.6
−µs
td
delay between middle sync of input
and start of clamping pulse
note 3
3.0
3.2
3.4
µs
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com