Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 14Page - NXP Semiconductors TDA9143 Datasheet HTML 15Page - NXP Semiconductors TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
1996 Jan 17
18
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
CHARACTERISTICS
VCC =8V; Tamb =25 °C; I2C-bus address 8A; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (pin 7)
VCC
supply voltage
7.2
8.0
8.8
V
ICC
supply current
50
60
70
mA
Ptot
total power dissipation
360
480
620
mW
ICC
low power supply current
12
16
22
mA
Input switch
Caution: the voltage on pin 25 must never exceed 5.5 V, if it does, the IC enters a test mode
Y/CVBS INPUT (PIN 26)
Vi(p-p)
input voltage (peak-to-peak value)
top sync-white
1.0
1.43
V
Zi
input impedance
60
−−
k
Ci
input capacitance
−−
5pF
Ii(bias)
input bias current
3.3
−µA
C INPUT (PIN 25)
Vi(p-p)
input burst voltage
(peak-to-peak value)
0.3
0.6
V
Zi
input impedance
60
−−
k
Ci
input capacitance
−−
5pF
CVBS OUTPUT (PIN 22); ONLY FOR ADDRESS 8A
Vo(p-p)
output voltage (peak-to-peak value)
top sync-white
1.0
V
Zo
output impedance
−−
500
B
bandwidth at
−3dB
CL =15pF
7
−−
MHz
Vtsl
top-sync voltage level
2.2
2.8
3.4
V
Bias generator (pin 8)
VD(DEC)
digital supply voltage
4.8
5.0
5.2
V
Vdet(CC)
POR detection level for power supply
5.7
6.0
6.3
V
Vdet(DEC)
POR detection level for DEC pin
4.0
4.3
4.6
V
IL(DEC)
current load on digital supply
sum of pins 8, 11, 16, 17
−−
2.0
mA
Subcarrier regeneration
GENERAL; note 1
CR
catching and holding range
reference crystal
±500
−−
Hz
second crystal
±450
−−
Hz
ϕ
phase shift for 80% deviation of
catching range
−−
5
deg
Zi
input impedance
reference crystal and second crystal
0.80
1.00
1.20
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com