Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 16Page - NXP Semiconductors TDA9143 Datasheet HTML 17Page - NXP Semiconductors TDA9143 Datasheet HTML 18Page - NXP Semiconductors TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors TDA9143 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
1996 Jan 17
20
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
PAL DEMODULATOR
VR(p-p)
1
⁄2H ripple (peak-to-peak value)
−−
20
mV
ϕ
demodulator phase error
−−
5
deg
SECAM DEMODULATOR
V−(R−Y)(p-p)
−(R−Y) output voltage
(peak-to-peak value)
standard colour bar
0.96
1.08
1.21
V
V−(B−Y)(p-p)
−(B−Y) output voltage
(peak-to-peak value)
standard colour bar
1.22
1.37
1.53
V
fos
black level offset frequency
−−
7
kHz
S/N
signal-to-noise ratio
0 to 1 MHz
40
−−
dB
Vres(p-p)
7.8 MHz to 9.4 MHz residue
(peak-to-peak value)
−−
30
mV
fpole
pole frequency of de-emphasis
77
85
93
kHz
ratio of pole and zero frequency
−
3
−
Vcal
calibration voltage
345V
NL
non linearity
−−
3%
Filters
TUNING
Vtune
tuning voltage
1.5
3
6
V
LUMINANCE DELAY; YD3 to YD0 = 1011
td(on)
delay time colour on
fsc = 3.6 MHz; TB = 0
555
580
605
ns
fsc = 3.6 MHz and 4.4 MHz;
TB = 1
515
540
565
ns
td(off)
delay time colour off
350
370
390
ns
td(tun)
delay time tuning range
15 steps YD3 to YD0; note 2
−280
−
+160
ns
CHROMINANCE TRAP
fo
notch frequency
fsc = 3.6 MHz
3.53
3.58
3.63
MHz
fsc = 4.4 MHz
4.37
4.43
4.49
MHz
SECAM
4.23
4.29
4.35
MHz
Y/C and B/W mode
not active
B
bandwidth at
−3dB
fsc = 3.6 MHz
2.60
2.80
3.00
MHz
fsc = 4.4 MHz
3.20
3.50
3.80
MHz
SECAM
2.90
3.20
3.50
MHz
fsc(sup)
subcarrier suppression
26
−−
dB
CHROMINANCE BANDPASS
fres
resonant frequency
fsc = 3.6 MHz
3.40
3.58
3.76
MHz
fsc = 4.4 MHz
4.21
4.43
4.65
MHz
B
bandwidth at
−3dB
fsc = 3.6 MHz
1.05
1.20
1.35
MHz
fsc = 4.4 MHz
1.25
1.40
1.55
MHz
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com