Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9143 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDA9143
Description  I2C-bus controlled, alignment-free PAL/NTSC/SECAM decoder/sync processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9143 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDA9143 Datasheet HTML 19Page - NXP Semiconductors TDA9143 Datasheet HTML 20Page - NXP Semiconductors TDA9143 Datasheet HTML 21Page - NXP Semiconductors TDA9143 Datasheet HTML 22Page - NXP Semiconductors TDA9143 Datasheet HTML 23Page - NXP Semiconductors TDA9143 Datasheet HTML 24Page - NXP Semiconductors TDA9143 Datasheet HTML 25Page - NXP Semiconductors TDA9143 Datasheet HTML 26Page - NXP Semiconductors TDA9143 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
1996 Jan 17
23
Philips Semiconductors
Preliminary specification
I2C-bus controlled, alignment-free
PAL/NTSC/SECAM decoder/sync processor
TDA9143
YUV/RGB switches; note 5
Caution: the voltage on pin 3 must never exceed 5.5 V, if it does, the IC enters a test mode
RGB INPUTS (PINS 21, 20, AND 19 RESPECTIVELY); note 5
Vi(p-p)
input voltage (peak-to-peak value)
−
0.7
1
V
Zi
input impedance
3
−−
M
Ω
Ci
input capacitance
−−
5pF
UV INPUTS (PINS 3 AND 4 RESPECTIVELY); note 5
Vi(p-p)
U input voltage (peak-to-peak value)
−
1.33
1.90
V
Vi(p-p)
V input voltage (peak-to-peak value)
−
1.05
1.50
V
Zi
input impedance (both inputs)
3
−−
M
Ω
Ci
input capacitance (both inputs)
−−
5pF
Y OUTPUT (PIN 12)
Vo(p-p)
U output voltage
black-white
−
1.00
−
V
Vo(p-p)
PALplus output voltage
black-white
−
0.80
−
V
Zo
output impedance
−−
250
Ω
Vo
DC output voltage level
black level
2.7
3.0
3.3
V
S/N
signal-to-noise ratio
f = 0 to 5 MHz
−
52
−
dB
Vos
offset voltage Yblack to re-inserted
black
−−
10
mV
Gv
voltage gain
from Y/CVBSi to Yo
1.35
1.43
1.50
UV OUTPUTS (PINS 14 AND 13); note 5
Vo(p-p)
U output voltage (peak-to-peak value)
−
1.33
1.90
V
Vo(p-p)
V output voltage (peak-to-peak value)
−
1.05
1.50
V
Zo
output impedance (both outputs)
−−
250
Ω
Vo
DC output voltage level
2.3
2.6
2.9
V
Gv
voltage gain
from Uin to Uout
0.94
0.97
1.00
from Vin to Vout
0.94
0.97
1.00
GENERAL
Vdiff
difference between black levels of
YUV outputs in RGB mode and YUV
mode
sync locked mixed RGB/YUV
via fast blanking
−−
10
mV
NL
non-linearity
any input to any output
−−
5%
B
bandwidth at
−3 dB
any input to any output;
CL =15pF
7
−−
MHz
α
c
crosstalk between RGB and UVin
signals on UVout
f=0to5MHz
−−−50
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com