Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 34 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 34 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 30Page - Renesas Technology Corp R8C2C Datasheet HTML 31Page - Renesas Technology Corp R8C2C Datasheet HTML 32Page - Renesas Technology Corp R8C2C Datasheet HTML 33Page - Renesas Technology Corp R8C2C Datasheet HTML 34Page - Renesas Technology Corp R8C2C Datasheet HTML 35Page - Renesas Technology Corp R8C2C Datasheet HTML 36Page - Renesas Technology Corp R8C2C Datasheet HTML 37Page - Renesas Technology Corp R8C2C Datasheet HTML 38Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 58 page
background image
R8C/2C Group, R8C/2D Group
1. Overview
Rev.2.00
Dec 05, 2007
Page 13 of 585
REJ09B0339-0200
1.5
Pin Functions
Tables 1.9 and 1.10 list Pin Functions.
I: Input
O: Output
I/O: Input and output
NOTE:
1. Refer to the oscillator manufacturer for oscillation characteristics.
Table 1.9
Pin Functions (1)
Item
Pin Name
I/O Type
Description
Power supply input VCC, VSS
−
Apply 2.2 V to 5.5 V to the VCC pin. Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
−
Power supply for the A/D converter.
Connect a capacitor between AVCC and AVSS.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic resonator or a crystal oscillator between
the XIN and XOUT pins(1). To use an external clock, input it
to the XIN pin and leave the XOUT pin open.
XIN clock output
XOUT
O
XCIN clock input
XCIN
I
These pins are provided for XCIN clock generation circuit I/O.
Connect a crystal oscillator between the XCIN and XCOUT
pins(1). To use an external clock, input it to the XCIN pin and
leave the XCOUT pin open.
XCIN clock output
XCOUT
O
INT interrupt input
INT0 to INT3
IINT interrupt input pins.
INT0 is timer RD input pin. INT1 is timer RA input pin.
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins
Timer RA
TRAIO
I/O
Timer RA I/O pin
TRAO
O
Timer RA output pin
Timer RB
TRBO
O
Timer RB output pin
Timer RC
TRCCLK
I
External clock input pin
TRCTRG
I
External trigger input pin
TRCIOA, TRCIOB,
TRCIOC, TRCIOD
I/O
Timer RC I/O pins
Timer RD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
I/O
Timer RD I/O pins
TRDCLK
I
External clock input pin
Timer RE
TREO
O
Divided clock output pin
Timer RF
TRFI
I
Timer RF input pin
TRFO00 to TRFO02,
TRFO10 to TRFO12
O
Timer RF output pins
Serial interface
CLK0, CLK1, CLK2
I/O
Transfer clock I/O pins
RXD0, RXD1, RXD2
I
Serial data input pins
TXD0, TXD1, TXD2
O
Serial data output pins
I2C bus
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
SSU
SSI
I/O
Data I/O pin
SCS
I/O
Chip-select signal I/O pin
SSCK
I/O
Clock I/O pin
SSO
I/O
Data I/O pin
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter and D/A
converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com