Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 24Page - Renesas Technology Corp R8C2C Datasheet HTML 25Page - Renesas Technology Corp R8C2C Datasheet HTML 26Page - Renesas Technology Corp R8C2C Datasheet HTML 27Page - Renesas Technology Corp R8C2C Datasheet HTML 28Page - Renesas Technology Corp R8C2C Datasheet HTML 29Page - Renesas Technology Corp R8C2C Datasheet HTML 30Page - Renesas Technology Corp R8C2C Datasheet HTML 31Page - Renesas Technology Corp R8C2C Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
R8C/2C Group, R8C/2D Group
1. Overview
Rev.2.00
Dec 05, 2007
Page 7 of 585
REJ09B0339-0200
Figure 1.1
Part Number, Memory Size, and Package of R8C/2C Group
Part No.
R 5 F 21 2C 7 S N XXX FP
Package type:
FP: PLQP0080KB-A (0.5 mm pin-pitch, 12 mm square body)
ROM number
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
Y: Operating ambient temperature -20°C to 105°C (1)
S: Low-voltage version
ROM capacity
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/2C Group
R8C/Tiny Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor
NOTE:
1. Please contact Renesas Technology sales offices for the Y version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com