Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 36Page - Renesas Technology Corp R8C2C Datasheet HTML 37Page - Renesas Technology Corp R8C2C Datasheet HTML 38Page - Renesas Technology Corp R8C2C Datasheet HTML 39Page - Renesas Technology Corp R8C2C Datasheet HTML 40Page - Renesas Technology Corp R8C2C Datasheet HTML 41Page - Renesas Technology Corp R8C2C Datasheet HTML 42Page - Renesas Technology Corp R8C2C Datasheet HTML 43Page - Renesas Technology Corp R8C2C Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 58 page
background image
R8C/2C Group, R8C/2D Group
3. Memory
Rev.2.00
Dec 05, 2007
Page 19 of 585
REJ09B0339-0200
3.2
R8C/2D Group
Figure 3.2 is a Memory Map of R8C/2D Group. The R8C/2D group has 1 Mbyte of address space from addresses
00000h to FFFFFh.
The internal ROM (program ROM) is allocated lower addresses, beginning with address 0FFFFh. For example, a
48-Kbyte internal ROM area is allocated addresses 04000h to 0FFFFh.
The fixed interrupt vector table is allocated addresses 0FFDCh to 0FFFFh. They store the starting address of each
interrupt routine.
The internal ROM (data flash) is allocated addresses 02400h to 02BFFh.
The internal RAM area is allocated higher addresses, beginning with address 00400h. For example, a 2.5-Kbyte
internal RAM is allocated addresses 00400h to 00DFFh. The internal RAM is used not only for storing data but
also for calling subroutines and as stacks when interrupt requests are acknowledged.
Special function registers (SFRs) are allocated addresses 00000h to 002FFh. The peripheral function control
registers are allocated here. All addresses within the SFR, which have nothing allocated are reserved for future use
and cannot be accessed by users.
Figure 3.2
Memory Map of R8C/2D Group
Undefined instruction
Overflow
BRK instruction
Address match
Single step
Watchdog timer, oscillation stop detection, voltage monitor
(Reserved)
(Reserved)
Reset
Internal ROM
Internal RAM
Size
Address 0YYYYh
48 Kbytes
64 Kbytes
96 Kbytes
128 Kbytes
00DFFh
00FFFh
011FFh
011FFh
FFFFFh
0FFFFh
0YYYYh
00400h
002FFh
00000h
Internal ROM
(program ROM)
Expanded area
Internal RAM
SFR
(Refer to 4. Special
Function Registers
(SFRs)
)
0FFFFh
0FFDCh
Address 0XXXXh
Address ZZZZZh
Size
2.5 Kbytes
3 Kbytes
7 Kbytes
7.5 Kbytes
Internal ROM
(data flash)(1)
NOTES:
1. Data flash block A (1 Kbyte) and B (1 Kbyte) are shown.
2. The blank regions are reserved. Do not access locations in these regions.
0XXXXh
02400h
02BFFh
Internal ROM
(program ROM)
ZZZZZh
−
13FFFh
1BFFFh
23FFFh
04000h
04000h
04000h
04000h
03000h
Internal RAM
0WWWWh
−
−
03DFFh
03FFFh
Address 0WWWWh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com