Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 38Page - Renesas Technology Corp R8C2C Datasheet HTML 39Page - Renesas Technology Corp R8C2C Datasheet HTML 40Page - Renesas Technology Corp R8C2C Datasheet HTML 41Page - Renesas Technology Corp R8C2C Datasheet HTML 42Page - Renesas Technology Corp R8C2C Datasheet HTML 43Page - Renesas Technology Corp R8C2C Datasheet HTML 44Page - Renesas Technology Corp R8C2C Datasheet HTML 45Page - Renesas Technology Corp R8C2C Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 58 page
background image
R8C/2C Group, R8C/2D Group
4. Special Function Registers (SFRs)
Rev.2.00
Dec 05, 2007
Page 21 of 585
REJ09B0339-0200
Table 4.2
SFR Information (2)(1)
X: Undefined
NOTES:
1.
The blank regions are reserved. Do not access locations in these regions.
2.
Selected by the IICSEL bit in the PMR register.
Address
Register
Symbol
After reset
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
Timer RC Interrupt Control Register
TRCIC
XXXXX000b
0048h
Timer RD0 Interrupt Control Register
TRD0IC
XXXXX000b
0049h
Timer RD1 Interrupt Control Register
TRD1IC
XXXXX000b
004Ah
Timer RE Interrupt Control Register
TREIC
XXXXX000b
004Bh
UART2 Transmit Interrupt Control Register
S2TIC
XXXXX000b
004Ch
UART2 Receive Interrupt Control Register
S2RIC
XXXXX000b
004Dh
Key Input Interrupt Control Register
KUPIC
XXXXX000b
004Eh
004Fh
SSU/IIC Interrupt Control Register(2)
SSUIC / IICIC
XXXXX000b
0050h
Compare 1 Interrupt Control Register
CMP1IC
XXXXX000b
0051h
UART0 Transmit Interrupt Control Register
S0TIC
XXXXX000b
0052h
UART0 Receive Interrupt Control Register
S0RIC
XXXXX000b
0053h
UART1 Transmit Interrupt Control Register
S1TIC
XXXXX000b
0054h
UART1 Receive Interrupt Control Register
S1RIC
XXXXX000b
0055h
INT2 Interrupt Control Register
INT2IC
XX00X000b
0056h
Timer RA Interrupt Control Register
TRAIC
XXXXX000b
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
XXXXX000b
0059h
INT1 Interrupt Control Register
INT1IC
XX00X000b
005Ah
INT3 Interrupt Control Register
INT3IC
XX00X000b
005Bh
Timer RF Interrupt Control Register
TRFIC
XXXXX000b
005Ch
Compare 0 Interrupt Control Register
CMP0IC
XXXXX000b
005Dh
INT0 Interrupt Control Register
INT0IC
XX00X000b
005Eh
A/D Conversion Interrupt Control Register
ADIC
XXXXX000b
005Fh
Capture Interrupt Control Register
CAPIC
XXXXX000b
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com