Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 50Page - Renesas Technology Corp R8C2C Datasheet HTML 51Page - Renesas Technology Corp R8C2C Datasheet HTML 52Page - Renesas Technology Corp R8C2C Datasheet HTML 53Page - Renesas Technology Corp R8C2C Datasheet HTML 54Page - Renesas Technology Corp R8C2C Datasheet HTML 55Page - Renesas Technology Corp R8C2C Datasheet HTML 56Page - Renesas Technology Corp R8C2C Datasheet HTML 57Page - Renesas Technology Corp R8C2C Datasheet HTML 58Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 57 / 58 page
background image
R8C/2C Group, R8C/2D Group
5. Resets
Rev.2.00
Dec 05, 2007
Page 36 of 585
REJ09B0339-0200
Figure 5.5
Example of Hardware Reset Circuit and Operation
Figure 5.6
Example of Hardware Reset Circuit (Usage Example of External Supply Voltage
Detection Circuit) and Operation
RESET
VCC
VCC
RESET
2.2 V
0 V
0.2 VCC or below
td(P-R) + 10
µs or more
0 V
NOTE:
1. Refer to 21. Electrical Characteristics.
RESET
VCC
VCC
RESET
2.2 V
0 V
0 V
5 V
5 V
Example when
VCC = 5 V
Supply voltage
detection circuit
NOTE:
1. Refer to 21. Electrical Characteristics.
td(P-R) + 10
µs or more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com