Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 41Page - Renesas Technology Corp R8C2C Datasheet HTML 42Page - Renesas Technology Corp R8C2C Datasheet HTML 43Page - Renesas Technology Corp R8C2C Datasheet HTML 44Page - Renesas Technology Corp R8C2C Datasheet HTML 45Page - Renesas Technology Corp R8C2C Datasheet HTML 46Page - Renesas Technology Corp R8C2C Datasheet HTML 47Page - Renesas Technology Corp R8C2C Datasheet HTML 48Page - Renesas Technology Corp R8C2C Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 58 page
background image
R8C/2C Group, R8C/2D Group
4. Special Function Registers (SFRs)
Rev.2.00
Dec 05, 2007
Page 24 of 585
REJ09B0339-0200
Table 4.5
SFR Information (5)(1)
NOTE:
1.
The blank regions are reserved. Do not access locations in these regions
Address
Register
Symbol
After reset
0100h
Timer RA Control Register
TRACR
00h
0101h
Timer RA I/O Control Register
TRAIOC
00h
0102h
Timer RA Mode Register
TRAMR
00h
0103h
Timer RA Prescaler Register
TRAPRE
FFh
0104h
Timer RA Register
TRA
FFh
0105h
LIN Control Register 2
LINCR2
00h
0106h
LIN Control Register
LINCR
00h
0107h
LIN Status Register
LINST
00h
0108h
Timer RB Control Register
TRBCR
00h
0109h
Timer RB One-Shot Control Register
TRBOCR
00h
010Ah
Timer RB I/O Control Register
TRBIOC
00h
010Bh
Timer RB Mode Register
TRBMR
00h
010Ch
Timer RB Prescaler Register
TRBPRE
FFh
010Dh
Timer RB Secondary Register
TRBSC
FFh
010Eh
Timer RB Primary Register
TRBPR
FFh
010Fh
0110h
0111h
0112h
0113h
0114h
0115h
0116h
0117h
0118h
Timer RE Second Data Register / Counter Data Register
TRESEC
00h
0119h
Timer RE Minute Data Register / Compare Data Register
TREMIN
00h
011Ah
Timer RE Hour Data Register
TREHR
00h
011Bh
Timer RE Day of Week Data Register
TREWK
00h
011Ch
Timer RE Control Register 1
TRECR1
00h
011Dh
Timer RE Control Register 2
TRECR2
00h
011Eh
Timer RE Clock Source Select Register
TRECSR
00001000b
011Fh
0120h
Timer RC Mode Register
TRCMR
01001000b
0121h
Timer RC Control Register 1
TRCCR1
00h
0122h
Timer RC Interrupt Enable Register
TRCIER
01110000b
0123h
Timer RC Status Register
TRCSR
01110000b
0124h
Timer RC I/O Control Register 0
TRCIOR0
10001000b
0125h
Timer RC I/O Control Register 1
TRCIOR1
10001000b
0126h
Timer RC Counter
TRC
00h
0127h
00h
0128h
Timer RC General Register A
TRCGRA
FFh
0129h
FFh
012Ah
Timer RC General Register B
TRCGRB
FFh
012Bh
FFh
012Ch
Timer RC General Register C
TRCGRC
FFh
012Dh
FFh
012Eh
Timer RC General Register D
TRCGRD
FFh
012Fh
FFh
0130h
Timer RC Control Register 2
TRCCR2
00011111b
0131h
Timer RC Digital Filter Function Select Register
TRCDF
00h
0132h
Timer RC Output Master Enable Register
TRCOER
01111111b
0133h
0134h
0135h
0136h
0137h
Timer RD Start Register
TRDSTR
11111100b
0138h
Timer RD Mode Register
TRDMR
00001110b
0139h
Timer RD PWM Mode Register
TRDPMR
10001000b
013Ah
Timer RD Function Control Register
TRDFCR
10000000b
013Bh
Timer RD Output Master Enable Register 1
TRDOER1
FFh
013Ch
Timer RD Output Master Enable Register 2
TRDOER2
01111111b
013Dh
Timer RD Output Control Register
TRDOCR
00h
013Eh
Timer RD Digital Filter Function Select Register 0
TRDDF0
00h
013Fh
Timer RD Digital Filter Function Select Register 1
TRDDF1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com