Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 14Page - Renesas Technology Corp R8C2C Datasheet HTML 15Page - Renesas Technology Corp R8C2C Datasheet HTML 16Page - Renesas Technology Corp R8C2C Datasheet HTML 17Page - Renesas Technology Corp R8C2C Datasheet HTML 18Page - Renesas Technology Corp R8C2C Datasheet HTML 19Page - Renesas Technology Corp R8C2C Datasheet HTML 20Page - Renesas Technology Corp R8C2C Datasheet HTML 21Page - Renesas Technology Corp R8C2C Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
B - 4
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0160h
UART2 Transmit/Receive Mode Register
U2MR
380
0161h
UART2 Bit Rate Register
U2BRG
380
0162h
UART2 Transmit Buffer Register
U2TB
381
0163h
0164h
UART2 Transmit/Receive Control Register 0
U2C0
381
0165h
UART2 Transmit/Receive Control Register 1
U2C1
382
0166h
UART2 Receive Buffer Register
U2RB
382
0167h
0168h
0169h
016Ah
016Bh
016Ch
016Dh
016Eh
016Fh
0170h
0171h
0172h
0173h
0174h
0175h
0176h
0177h
0178h
0179h
017Ah
017Bh
017Ch
017Dh
017Eh
017Fh
0180h
0181h
0182h
0183h
0184h
0185h
0186h
0187h
0188h
0189h
018Ah
018Bh
018Ch
018Dh
018Eh
018Fh
0190h
0191h
0192h
0193h
0194h
0195h
0196h
0197h
0198h
0199h
019Ah
019Bh
019Ch
019Dh
019Eh
019Fh
Address
Register
Symbol
Page
01A0h
01A1h
01A2h
01A3h
01A4h
01A5h
01A6h
01A7h
01A8h
01A9h
01AAh
01ABh
01ACh
01ADh
01AEh
01AFh
01B0h
01B1h
01B2h
01B3h
Flash Memory Control Register 4
FMR4
506
01B4h
01B5h
Flash Memory Control Register 1
FMR1
505
01B6h
01B7h
Flash Memory Control Register 0
FMR0
504
01B8h
01B9h
01BAh
01BBh
01BCh
01BDh
01BEh
01C0h
01C1h
01C2h
01C3h
01C4h
01C5h
01C6h
01C7h
01C8h
01C9h
01CAh
01CBh
01CCh
01CDh
01CEh
01CFh
01D0h
01D1h
01D2h
01D3h
01D4h
01D5h
01D6h
01D7h
01D8h
01D9h
01DAh
01DBh
01DCh
01DDh
01DEh
01DFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com