Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 49Page - Renesas Technology Corp R8C2C Datasheet HTML 50Page - Renesas Technology Corp R8C2C Datasheet HTML 51Page - Renesas Technology Corp R8C2C Datasheet HTML 52Page - Renesas Technology Corp R8C2C Datasheet HTML 53Page - Renesas Technology Corp R8C2C Datasheet HTML 54Page - Renesas Technology Corp R8C2C Datasheet HTML 55Page - Renesas Technology Corp R8C2C Datasheet HTML 56Page - Renesas Technology Corp R8C2C Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 58 page
background image
R8C/2C Group, R8C/2D Group
5. Resets
Rev.2.00
Dec 05, 2007
Page 32 of 585
REJ09B0339-0200
5.
Resets
The following resets are implemented: hardware reset, power-on reset, voltage monitor 0 reset, voltage monitor 1
reset, voltage monitor 2 reset, watchdog timer reset, and software reset.
Table 5.1 lists the Reset Names and Sources.
Figure 5.1
Block Diagram of Reset Circuit
Table 5.1
Reset Names and Sources
Reset Name
Source
Hardware reset
Input voltage of RESET pin is held “L”
Power-on reset
VCC rises
Voltage monitor 0 reset
VCC falls (monitor voltage: Vdet0)
Voltage monitor 1 reset
VCC falls (monitor voltage: Vdet1)
Voltage monitor 2 reset
VCC falls (monitor voltage: Vdet2)
Watchdog timer reset
Underflow of watchdog timer
Software reset
Write 1 to PM03 bit in PM0 register
RESET
Power-on reset
circuit
Voltage
detection
circuit
Watchdog
timer
CPU
Voltage monitor 0 reset
SFRs
Bits VCA25,
VW0C0, and
VW0C6
SFRs
Bits VCA13, VCA26, VCA27,
VW1C2, VW1C3,
VW2C2, VW2C3,
VW0C1, VW0F0,
VW0F1, and VW0C7
Pin, CPU, and
SFR bits other than
those listed above
VCC
Hardware reset
Power-on reset
Voltage monitor 1 reset
Watchdog timer
reset
Software reset
VCA13: Bit in VCA1 register
VCA25, VCA26, VCA27: Bits in VCA2 register
VW0C0, VW0C1, VW0C6, VW0F0, VW0F1, VW0C7: Bits in VW0C register
VW1C2, VW1C3: Bits in VW1C register
VW2C2, VW2C3: Bits in VW2C register
Voltage monitor 2
reset
SFRs
Bits VCA25,
VW0C0, and
VW0C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com