Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R8C2C Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R8C2C
Description  MCU
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C2C Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R8C2C Datasheet HTML 11Page - Renesas Technology Corp R8C2C Datasheet HTML 12Page - Renesas Technology Corp R8C2C Datasheet HTML 13Page - Renesas Technology Corp R8C2C Datasheet HTML 14Page - Renesas Technology Corp R8C2C Datasheet HTML 15Page - Renesas Technology Corp R8C2C Datasheet HTML 16Page - Renesas Technology Corp R8C2C Datasheet HTML 17Page - Renesas Technology Corp R8C2C Datasheet HTML 18Page - Renesas Technology Corp R8C2C Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
B - 1
NOTE:
1.
The blank regions are reserved. Do not access locations in these
regions.
Address
Register
Symbol
Page
0000h
0001h
0002h
0003h
0004h
Processor Mode Register 0
PM0
93
0005h
Processor Mode Register 1
PM1
93
0006h
System Clock Control Register 0
CM0
99
0007h
System Clock Control Register 1
CM1
100
0008h
Module Operation Enable Register
MSTCR
201, 253,
268, 286,
300, 311,
326, 399,
429
0009h
000Ah
Protect Register
PRCR
124
000Bh
000Ch
Oscillation Stop Detection Register
OCD
101
000Dh
Watchdog Timer Reset Register
WDTR
154
000Eh
Watchdog Timer Start Register
WDTS
154
000Fh
Watchdog Timer Control Register
WDC
154
0010h
Address Match Interrupt Register 0
RMAD0
146
0011h
0012h
0013h
Address Match Interrupt Enable Register
AIER
146
0014h
Address Match Interrupt Register 1
RMAD1
146
0015h
0016h
0017h
0018h
0019h
001Ah
001Bh
001Ch
Count Source Protection Mode Register
CSPR
155
001Dh
001Eh
001Fh
0020h
0021h
0022h
0023h
High-Speed On-Chip Oscillator Control Register 0 FRA0
102
0024h
High-Speed On-Chip Oscillator Control Register 1 FRA1
102
0025h
High-Speed On-Chip Oscillator Control Register 2 FRA2
103
0026h
0027h
0028h
Clock Prescaler Reset Flag
CPSRF
104
0029h
002Ah
002Bh
High-Speed On-Chip Oscillator Control Register 6 FRA6
103
002Ch
High-Speed On-Chip Oscillator Control Register 7 FRA7
103
002Dh
002Eh
002Fh
0030h
0031h
Voltage Detection Register 1
VCA1
43
0032h
Voltage Detection Register 2
VCA2
43, 104
0033h
0034h
0035h
0036h
Voltage Monitor 1 Circuit Control Register
VW1C
45
0037h
Voltage Monitor 2 Circuit Control Register
VW2C
46
0038h
Voltage Monitor 0 Circuit Control Register
VW0C
44
0039h
003Ah
003Bh
003Ch
003Dh
003Eh
003Fh
Address
Register
Symbol
Page
0040h
0041h
0042h
0043h
0044h
0045h
0046h
0047h
Timer RC Interrupt Control Register
TRCIC
131
0048h
Timer RD0 Interrupt Control Register
TRD0IC
131
0049h
Timer RD1 Interrupt Control Register
TRD1IC
131
004Ah
Timer RE Interrupt Control Register
TREIC
130
004Bh
UART2 Transmit Interrupt Control Register S2TIC
130
004Ch
UART2 Receive Interrupt Control Register
S2RIC
130
004Dh
Key Input Interrupt Control Register
KUPIC
130
004Eh
004Fh
SSU/IIC Interrupt Control Register
SSUIC/IICIC
131
0050h
Compare 1 Interrupt Control Register
CMP1IC
130
0051h
UART0 Transmit Interrupt Control Register S0TIC
130
0052h
UART0 Receive Interrupt Control Register
S0RIC
130
0053h
UART1 Transmit Interrupt Control Register S1TIC
130
0054h
UART1 Receive Interrupt Control Register
S1RIC
130
0055h
INT2 Interrupt Control Register
INT2IC
132
0056h
Timer RA Interrupt Control Register
TRAIC
130
0057h
0058h
Timer RB Interrupt Control Register
TRBIC
130
0059h
INT1 Interrupt Control Register
INT1IC
132
005Ah
INT3 Interrupt Control Register
INT3IC
132
005Bh
Timer RF Interrupt Control Register
TRFIC
130
005Ch
Compare 0 Interrupt Control Register
CMP0IC
130
005Dh
INT0 Interrupt Control Register
INT0IC
132
005Eh
A/D Conversion Interrupt Control Register
ADIC
130
005Fh
Capture Interrupt Control Register
CAPIC
130
0060h
0061h
0062h
0063h
0064h
0065h
0066h
0067h
0068h
0069h
006Ah
006Bh
006Ch
006Dh
006Eh
006Fh
0070h
0071h
0072h
0073h
0074h
0075h
0076h
0077h
0078h
0079h
007Ah
007Bh
007Ch
007Dh
007Eh
007Fh
SFR Page Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com