Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 3Page - NXP Semiconductors TEA1069 Datasheet HTML 4Page - NXP Semiconductors TEA1069 Datasheet HTML 5Page - NXP Semiconductors TEA1069 Datasheet HTML 6Page - NXP Semiconductors TEA1069 Datasheet HTML 7Page - NXP Semiconductors TEA1069 Datasheet HTML 8Page - NXP Semiconductors TEA1069 Datasheet HTML 9Page - NXP Semiconductors TEA1069 Datasheet HTML 10Page - NXP Semiconductors TEA1069 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
1998 Jan 08
7
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.3 Pin configuration (SOT307-2).
handbook, full pagewidth
TEA1069H
TEA1069AH
MBH784
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
DTMF
KT/EARTH
CSI
XTAL1
XTAL2
RESET
CE/FDI
COL6
COL5
COL4
VEE
MUTE
DIODE
VCC
REG
ROW3
ROW2
ROW4
ROW5
VEE
HF
ROW1
FUNCTIONAL DESCRIPTION
Speech part
For numbering of components refer to Figs 28 and 29.
SUPPLIES VCC, LN, SLPE, REG AND STAB
Power for the IC and its peripheral circuits is usually
obtained from the telephone line (see Fig.4).
The circuit creates a stabilized voltage (Vref = 3.7 V)
between LN and SLPE. This reference voltage is
temperature compensated and can be adjusted by means
of an external resistor RVA. It can be increased by
connecting an RVA resistor (R60) between REG and SLPE
or decreased by connecting an RVA resistor (R61)
between REG and LN. This internal voltage reference is
decoupled by capacitor C3 between REG and VEE.
This decoupling capacitor realises the set impedance
conversion from its DC value to its AC value in the audio
frequency range.
The internal transmission part of the circuitry (including the
earpiece amplifier) is supplied from VCC. This voltage
supply is derived from the LN voltage via a dropping
resistor (R1) and must be decoupled by a capacitor (C1)
between VCC and VEE. This supply point may also be used
to supply the dialler/ringer (VDD) part or external circuit e.g.
electret microphone.
The DC current flowing into the set is determined by the
exchange supply voltage Vexch, the feeding bridge
resistance Rexch and the DC resistance of the telephone
line Rline. When the line current (Iline) is more than 0.5 mA
greater than the sum of the IC supply current (ICC) and the
current drawn by the peripheral circuitry connected to VCC
(Ip), the excess current is shunted to SLPE via LN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com