Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 28Page - NXP Semiconductors TEA1069 Datasheet HTML 29Page - NXP Semiconductors TEA1069 Datasheet HTML 30Page - NXP Semiconductors TEA1069 Datasheet HTML 31Page - NXP Semiconductors TEA1069 Datasheet HTML 32Page - NXP Semiconductors TEA1069 Datasheet HTML 33Page - NXP Semiconductors TEA1069 Datasheet HTML 34Page - NXP Semiconductors TEA1069 Datasheet HTML 35Page - NXP Semiconductors TEA1069 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
1998 Jan 08
32
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
SENDING AMPLIFIER OUTPUT LN (PIN 40)
VLN(rms)
output voltage (RMS value)
THD = 10%
Iline =4mA
−
0.8
−
V
Iline = 15 mA
1.7
2.3
−
V
Vno(rms)
noise output voltage (RMS value) Iline = 15 mA; R7 = 68 kΩ;
200
Ω between MIC− and
MIC+; psophometrically
weighted (P53 curve)
−−69
−
dBmp
RECEIVING AMPLIFIER INPUT IR (PIN 6)
Zi
input impedance
−
21
−
k
Ω
RECEIVING AMPLIFIER OUTPUT QR (PIN 1)
Z
o
output impedance
−
4
−Ω
Gv
voltage gain from IR to QR
Iline = 15 mA; RL = 300 Ω
(from pin 9 to pin 4)
29.5
31
32.5
dB
∆G
v(f)
gain variation with frequency
referenced to 800 Hz
f = 300 and 3400 Hz
−±0.2
−
dB
∆Gv(T)
gain variation with temperature
referenced to 25
°C
without R6; Iline = 50 mA;
Tamb = −25 and +70 °C
−±0.2
−
dB
Vo(rms)
output voltage (RMS value)
THD = 2%; sine wave drive;
R4 = 100 k
Ω; Iline = 15 mA;
Ip =0mA
RL = 150 Ω
0.22
0.33
−
V
RL = 450 Ω
0.3
0.48
−
V
THD = 10%; R4 = 100 k
Ω;
RL = 150 Ω; Iline =4mA
−
15
−
mV
Vno(rms)
noise output voltage (RMS value) Iline = 15 mA; R4 = 100 kΩ;
IR open-circuit
psophometrically weighted
(P53 curve); RL = 300 Ω
−
50
−µV
GAIN ADJUSTMENT INPUT GAR (PIN 2)
∆G
v
receiving amplifier gain variation
by adjustment of R4 between
GAR and QR
−11
−
0dB
MUTE (PIN 35) GAIN REDUCTION
∆Gv
MIC+ or MIC
− to LN
MUTE = LOW
−
70
−
dB
Gv
voltage gain from DTMF to QR
R4 = 100 k
Ω; RL = 300 Ω−
−17
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com