Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 7Page - NXP Semiconductors TEA1069 Datasheet HTML 8Page - NXP Semiconductors TEA1069 Datasheet HTML 9Page - NXP Semiconductors TEA1069 Datasheet HTML 10Page - NXP Semiconductors TEA1069 Datasheet HTML 11Page - NXP Semiconductors TEA1069 Datasheet HTML 12Page - NXP Semiconductors TEA1069 Datasheet HTML 13Page - NXP Semiconductors TEA1069 Datasheet HTML 14Page - NXP Semiconductors TEA1069 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
1998 Jan 08
11
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.8 Alternative receiver arrangements.
Pin numbers in parenthesis refer to the TEA1069H and TEA1069AH.
(1) Resistor may be connected to prevent distortion (inductive load).
(2) Resistor is required to increase the phase margin (capacitive load).
a. Dynamic earpiece.
b. Magnetic earpiece.
c. Piezoelectric earpiece.
k, full pagewidth
(1)
(2)
QR
1 (39)
23 (18)
1 (39)
23 (18)
1 (39)
23 (18)
QR
QR
MBH199
VEE
VEE
VEE
DUAL TONE MULTI-FREQUENCY INPUT DTMF
When the DTMF input is enabled (MUTE is LOW) dialling
tones may be sent on to the line. The voltage gain from
DTMF to LN is typically 25.5 dB (when R7 = 68 k
Ω) and
varies with R7 in the same way as the microphone gain.
The tones can be heard in the earpiece at a low level
(confidence tone).
AUTOMATIC GAIN CONTROL INPUT AGC
Automatic line loss compensation is achieved by
connecting a resistor (R6) between AGC and VEE.
The automatic gain control varies the gain of the
microphone amplifier and the receiving amplifier in
accordance with the DC line current.
The control range is 5.8 dB which corresponds to a line
length of 5 km for a 0.5 mm diameter twisted-pair copper
cable with a DC resistance of 176
Ω/km and average
attenuation of 1.2 dB/km. Resistor R6 should be chosen in
accordance with the exchange supply voltage and its
feeding bridge resistance (see Fig.9 and Table 1).
The ratio of start and stop currents of the AGC curve is
independent of the value of R6. If no automatic line-loss
compensation is required the AGC pin may be left
open-circuit. The amplifiers, in this condition, will give their
maximum specified gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com