Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 17Page - NXP Semiconductors TEA1069 Datasheet HTML 18Page - NXP Semiconductors TEA1069 Datasheet HTML 19Page - NXP Semiconductors TEA1069 Datasheet HTML 20Page - NXP Semiconductors TEA1069 Datasheet HTML 21Page - NXP Semiconductors TEA1069 Datasheet HTML 22Page - NXP Semiconductors TEA1069 Datasheet HTML 23Page - NXP Semiconductors TEA1069 Datasheet HTML 24Page - NXP Semiconductors TEA1069 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1998 Jan 08
21
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
DIODE OPTIONS: PIN DIODE
The DIODE pin is connected to the keyboard matrix as
shown in Fig.20.
The diode options are read after each reset of the dialler.
Fig.20 Diode connection.
handbook, halfpage
MBH208
off
on
ROW/COLUMN
DIODE
Table 5
DIODE functions; TEA1069
Note
1. on means option diode present; off means option diode not present.
Table 6
DIODE functions; TEA1069A
Note
1. on means option diode present; off means option diode not present.
DIODE
FUNCTION
CONDITION
ON(1)
OFF(1)
FES A
flash/earth time select
FES B = off
flash of 270 ms
flash of 100 ms
FESB= on
earth of 400 ms
flash of 600 ms
TBT
tone burst/pause time
85/85 ms
100/100 ms
GOS
german output select
pin 8 = earth;
pin 27 = DMO
pin 8 = keytone;
pin 27 = MOH
KBS
keyboard select
keyboard layout;
see Figs 17 and 18
keyboard layout;
see Fig.19
PTS
pulse/tone selection
pulse mode
DTMF mode
APT
access pause time
APT2 = off
4s
2s
HMS
hold/mute select
hold mode
mute mode
RFS
ringer frequency select
29 to 146 Hz
40 to 120 Hz
M/B
make/break ratio
3 : 2
2 : 1
DIODE
FUNCTION
CONDITION
ON(1)
OFF(1)
FES A
flash/earth time select
FES B = off
flash of 270 ms
flash of 100 ms
FESB= on
earth of 400 ms
flash of 600 ms
TBT
tone burst/pause time
85/85 ms
100/100 ms
GOS
german output select
pin 8 = earth;
pin 27 = DMO
pin 8 = keytone;
pin 27 = MOH
KBS
keyboard select
keyboard layout;
see Fig.19
keyboard layout;
see Figs 17 and 18
PTS
pulse/tone selection
pulse mode
DTMF mode
APT
access pause time
APT2 = off
4s
1s
APT2 = on
3s
2s
HMS
hold/mute select
hold mode
mute mode
RFS
ringer frequency select
40 to 120 Hz
29 to 146 Hz
M/B
make/break ratio
3 : 2
2 : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com