Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 32Page - NXP Semiconductors TEA1069 Datasheet HTML 33Page - NXP Semiconductors TEA1069 Datasheet HTML 34Page - NXP Semiconductors TEA1069 Datasheet HTML 35Page - NXP Semiconductors TEA1069 Datasheet HTML 36Page - NXP Semiconductors TEA1069 Datasheet HTML 37Page - NXP Semiconductors TEA1069 Datasheet HTML 38Page - NXP Semiconductors TEA1069 Datasheet HTML 39Page - NXP Semiconductors TEA1069 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
1998 Jan 08
36
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
APPLICATION INFORMATION
Fig.28 Basic application diagram (continued in Fig.29).
Pin numbers in parenthesis refer to the TEA1069H and TEA1069AH.
(1) Ringer supply voltage.
handbook, full pagewidth
BSP254A
TR1
C20
1 nF
BZX79C
(10 V)
Z2
Z1
BZX79C
(8.2 V)
TR2
BC558
R20
3.9
Ω
R22
470 k
Ω
R23
470 k
Ω
R21
470 k
Ω
R2
130
k
Ω
R3
3.92 k
Ω
R11
130
Ω
R9
20
Ω
R7
27.4
k
Ω
R61
100
k
Ω
40 (36)
(1)
R24
TR3
BF420
TR4
BC548C
2.2 M
Ω
LN
6 (44)
IR
42 (38)
GAS2
41 (37)
GAS1
39 (35)
DP/FL
SLPE
37 (33)
REG
23 (11, 18 and 23)
VEE
VDD
LN
C5
C16
C6
100 pF
J1
C17
33 nF
100 pF
R8
C3
390
Ω
1 nF
R60
100
k
Ω
C12
220
nF
C40
2.2 nF
R30
2.2 k
Ω
C30
1
µF
(250 V)
C31
22
µF
(35 V)
D1
BR211_220
D2
BAS11
D3
BAS11
D4
BAS11
D5
BAS11
D10
1N4148
C32
33 nF
X1
3.58 MHz
D8
1N4148
D9
1N4148
D7
1N4148
D6
1N4148
Z3
BZX79C
(18 V)
4.7
µF
(63 V)
R12
820
Ω
R40
470 k
Ω
470 k
Ω
R42
C41
2.2
µF
(63 V)
R41
100 k
Ω
R32
100 k
Ω
Z4
BZX79C
(18 V)
R35
18 k
Ω
R33
100 k
Ω
R34
1 k
Ω
TR5
BC546
J4
H1
40 V (p-p)
TR6
BC556
TR7
BC548
R43
470
k
Ω
R44
56 k
Ω
VDD
9 (3)
CSI
13 (7)
CE/FDI
10 (4)
XTAL1
11 (5)
XTAL2
12 (6)
RESET
35 (31)
MUTE
28 (24)
HF
VCC
Vrr
TONE
26 (21)
VOL1
22 (17)
VOL2
27 (22)
MOH/DMO
MOH/DMO
21 (16)
HOLD
8 (2)
KT/EARTH
TEA1069
R1a
619
Ω
R1b
C1b
R31
5.6 M
Ω
S1-2
S1-1
speech
ring
A
−B/B−A
MBH214
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com