Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 12Page - NXP Semiconductors TEA1069 Datasheet HTML 13Page - NXP Semiconductors TEA1069 Datasheet HTML 14Page - NXP Semiconductors TEA1069 Datasheet HTML 15Page - NXP Semiconductors TEA1069 Datasheet HTML 16Page - NXP Semiconductors TEA1069 Datasheet HTML 17Page - NXP Semiconductors TEA1069 Datasheet HTML 18Page - NXP Semiconductors TEA1069 Datasheet HTML 19Page - NXP Semiconductors TEA1069 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
1998 Jan 08
16
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.13 Timing diagram in pulse dialling mode.
tb = break time.
tm = make time.
tidp = interdigit pause time.
trc = recall time.
tholdover = hold-over time.
tinterflash = interflash hold-over time (only for TEA1069A).
handbook, full pagewidth
MBH201
[3]
KEYS
MUTE
DP/FL
MOH/DMO
[recall]
[4]
tidp
tb
tm
tm + tholdover
tholdover
tinterflash
trc
TONE DIALLER: PINS TONE AND MUTE
In this system digits are transmitted as two tones
simultaneously, the so called Dual-Tone Multi-Frequency
(DTMF) system. Tone digits are separated by a pause
time. Valid keys are the digits [0] to [9], [
∗], [#] and
[PAUSE].
The DTMF dialling mode, the tone burst/pause times and
the access pause time depend on the diode options: PTS,
TBT, APT and APT2.
The MUTE pin is an open drain output which requires a
pull-up resistor. MUTE is HIGH when VDD is below
power-on reset trip level and when RESET is HIGH.
Figure 14 shows the timing diagram in tone dialling mode
when successively keys [3], [3], [RECALL] and [4] are
dialled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com