Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 29Page - NXP Semiconductors TEA1069 Datasheet HTML 30Page - NXP Semiconductors TEA1069 Datasheet HTML 31Page - NXP Semiconductors TEA1069 Datasheet HTML 32Page - NXP Semiconductors TEA1069 Datasheet HTML 33Page - NXP Semiconductors TEA1069 Datasheet HTML 34Page - NXP Semiconductors TEA1069 Datasheet HTML 35Page - NXP Semiconductors TEA1069 Datasheet HTML 36Page - NXP Semiconductors TEA1069 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
1998 Jan 08
33
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
AUTOMATIC GAIN CONTROL INPUT AGC (PIN 38)
∆Gv
gain control range (controlling the
gain from IR to QR and the gain
from MIC+, MIC
− to LN)
R6 = 110 k
Ω
(between AGC and VEE);
Iline =70mA
−−5.8
−
dB
IlineH
highest line current for maximum
gain
R6 = 110 k
Ω−
23
−
mA
IlineL
lowest line current for minimum
gain
R6 = 110 k
Ω−
61
−
mA
Dialler part
VDD (PIN 25)
VDD
supply voltage
2.5
−
6.0
V
VDD(MR)
memory retention voltage
1.0
−
6.0
V
IDD
supply current
DTMF generator off
−
0.3
0.6
mA
DTMF generator on
−
0.9
1.8
mA
IDD(MR)
memory retention current
standby state, VDD = 1.8 V
−
1.2
−µA
VPOR
power-on reset trip level
1.5
2.0
2.5
V
INPUTS/OUTPUTS (PINS 9, 12 TO 21, 29 TO 34)
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
IIL
input leakage
VEE <VI <VDD
−1
−
+1
µA
IOL
port sink current LOW
VDD =3V; VO = 0.4 V
0.7
8
−
mA
IOH
port pull-up source current HIGH
(not valid for pin 33)
VDD =3V; VO = 2.7 V
10
20
−µA
VDD =3V; VO =0V
−
100
300
µA
MUTE (PIN 35)
IOL
port sink current LOW
VDD =3V; VO = 0.4 V
0.7
8
−
mA
OUTPUTS (PINS 8, 22, 26 TO 28)
IOL
port sink current LOW
VDD =3V; VO = 0.4 V
0.7
8
−
mA
IOH
port push-pull source current
HIGH
VDD =3V; VO = 2.6 V
0.7
4
−
mA
OSCILLATOR (PINS 10 AND 11)
gm
transconductance
0.2
0.4
1.0
mA/V
Rf
feedback resistor
0.3
1.0
3.0
M
Ω
CE/FDI (PIN 13)
trd
reset delay time
−
280
−
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com