Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 33Page - NXP Semiconductors TEA1069 Datasheet HTML 34Page - NXP Semiconductors TEA1069 Datasheet HTML 35Page - NXP Semiconductors TEA1069 Datasheet HTML 36Page - NXP Semiconductors TEA1069 Datasheet HTML 37Page - NXP Semiconductors TEA1069 Datasheet HTML 38Page - NXP Semiconductors TEA1069 Datasheet HTML 39Page - NXP Semiconductors TEA1069 Datasheet HTML 40Page - NXP Semiconductors TEA1069 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
1998 Jan 08
37
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
Fig.29 Basic application diagram (continued from Fig.28).
Pin numbers in parenthesis refer to the TEA1069H and TEA1069AH.
(1) Ringer supply voltage.
(2) Only on TEA1069A.
handbook, full pagewidth
MBH215
BZX79C
(5.6 V)
BZX79C (18 V)
Z5
Z6
(32) 36
C42
470
µF
(10 V)
VCC
(8) 14
COL6
(9) 15
COL5
(10) 16
COL4
(12) 17
COL3
(13) 18
COL2
(14) 19
COL1
(29) 33
ROW5
(28) 32
ROW4
(27) 31
ROW3
(26) 30
ROW2
(25) 29
ROW1
(30) 34
DIODE
COL6
COL5
COL4
COL3
COL2
COL1
ROW5
ROW4
ROW3
ROW2
ROW1
DIODE
(20) 25
(1) 7
VDD
VDD
(15) 20
DP/FL
DP/FL
(19) 24
TONE
DTMF
TONE
(1)
TEA1069
C44
100 nF
C14
100 nF
R45
10 k
Ω
R46
3.65 k
Ω
R4
68.1
k
Ω
R14
8.2 k
Ω
R16
100
Ω
D11
BAT85
C4
560 pF
C7 5.6 nF
C2 10
µF
(63 V)
C15 47
µF
(25 V)
C1
100
µF
(25 V)
TR8
BC548
R47 330
Ω
47 k
Ω
R48
R17
100
Ω
MOH
R6 110 k
Ω
(34) 38
AGC
R5 3.65 k
Ω
(43) 5
STAB
(40) 2
GAR
C19
150 nF
R15
2.21 k
Ω
150 nF
C18
R13
2.21 k
Ω
R10
3.32
k
Ω
22.1 k
Ω
R49
(39) 1
QR
(42) 4
MIC
+
(41) 3
MIC
−
VCC
VDD
Vrr
STORE
S13
M1
S14
M2
S15
3
S12
2
S11
1
S10
MRC
S19
M3
S20
6
S18
5
S17
4
S16
9
S24
8
S23
7
S22
#
S29
0
S28
*/T
S27
MUTE
S34
PAUSE/LNR
S33
RECALL
S32
D15
1N4148
D24
1N4148
D16
1N4148
D17
1N4148
D18
1N4148
D23
1N4148
D22
1N4148
D21
1N4148
D20
1N4148
D19
1N4148
D14
1N4148
R50
680 k
Ω
ROW5
ROW4
ROW3
ROW2
ROW1
COL1
COL2
COL3
COL4
COL5
COL6
VDD
1
S2
DIODE
FES A
2
FES B
3
TBT
4
GOS
5
KBS
6
PTS
APT
7
8
HMS
9
RFS
10
M/B
11
APT2(2)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com