Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA1069 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # TEA1069
Description  Versatile speech/dialler/ringer with music-on-hold
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1069 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button TEA1069 Datasheet HTML 24Page - NXP Semiconductors TEA1069 Datasheet HTML 25Page - NXP Semiconductors TEA1069 Datasheet HTML 26Page - NXP Semiconductors TEA1069 Datasheet HTML 27Page - NXP Semiconductors TEA1069 Datasheet HTML 28Page - NXP Semiconductors TEA1069 Datasheet HTML 29Page - NXP Semiconductors TEA1069 Datasheet HTML 30Page - NXP Semiconductors TEA1069 Datasheet HTML 31Page - NXP Semiconductors TEA1069 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1998 Jan 08
28
Philips Semiconductors
Product specification
Versatile speech/dialler/ringer with
music-on-hold
TEA1069; TEA1069A
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Notes
1. Mostly dependent on the maximum required Tamb and on the voltage between LN and SLPE (see Fig.26 for
TEA1069N or Fig.27 for TEA1069H and TEA1069AH).
2. Calculated for the maximum specified ambient temperature (Tamb =70 °C, see also Fig.26 for TEA1069N or Fig.27
for TEA1069H and TEA1069AH).
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Iline
line current
R9 = 20
Ω; note 1
−
140
mA
IEE
ground supply current through VEE
−
50
mA
Ptot
total power dissipation
R9 = 20
Ω; note 2
TEA1069N
−
770
mW
TEA1069H and TEA1069AH
−
300
mW
Tamb
operating ambient temperature
−25
+70
°C
Tstg
IC storage temperature
−40
+125
°C
Speech part
VLN
positive continuous line voltage
−
12
V
VLN(R)
repetitive line voltage during switch-on or line
interruption
−
13.2
V
VCC
input voltage on pin VCC
−
12
V
Vi
input voltage on pins 1 to 7, 37, 38, 39, 41, 42
VEE − 0.7 VCC + 0.7 V
Dialler/ringer part
VDD
supply voltage
−0.7
+7
V
Vi
input voltages on pins 8 to 22, 24, 26 to 35
VEE − 0.7 VDD + 0.7 V
II
DC input current on pins 8 to 22, 24, 26 to 35
−10
+10
mA
IO
DC output current on pins 8 to 22, 24, 26 to 35
−10
+10
mA
Po
power dissipation per output on pins 8 to 22,
24, 26 to 35
−
30
mW
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient in free air mounted on
glass epoxy board 28.5
× 19.1 × 1.5 mm
TEA1069N
63
K/W
TEA1069H and TEA1069AH
116
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com