Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F683-E/MDQTP Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC12F683-E/MDQTP
Description  8-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F683-E/MDQTP Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC12F683-E/MDQTP Datasheet HTML 29Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 30Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 31Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 32Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 33Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 34Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 35Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 36Page - Microchip Technology PIC12F683-E/MDQTP Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 176 page
background image
© 2007 Microchip Technology Inc.
DS41211D-page 31
PIC12F683
4.0
GPIO PORT
There are as many as six general purpose I/O pins
available.
Depending
on
which
peripherals
are
enabled, some or all of the pins may not be available as
general purpose I/O. In general, when a peripheral is
enabled, the associated pin may not be used as a
general purpose I/O pin.
4.1
GPIO and the TRISIO Registers
GPIO
is
a
6-bit
wide,
bidirectional
port.
The
corresponding data direction register is TRISIO.
Setting a TRISIO bit (= 1) will make the corresponding
GPIO pin an input (i.e., put the corresponding output
driver in a High-Impedance mode). Clearing a TRISIO
bit (= 0) will make the corresponding GPIO pin an
output (i.e., put the contents of the output latch on the
selected pin). An exception is GP3, which is input only
and its TRISIO bit will always read as ‘1’. Example 4-1
shows how to initialize GPIO.
Reading the GPIO register reads the status of the pins,
whereas writing to it will write to the PORT latch. All
write operations are read-modify-write operations.
Therefore, a write to a port implies that the port pins are
read, this value is modified and then written to the
PORT data latch. GP3 reads ‘0’ when MCLRE = 1.
The TRISIO register controls the direction of the GPIO
pins, even when they are being used as analog inputs.
The user must ensure the bits in the TRISIO register
are maintained set when using them as analog inputs.
I/O pins configured as analog input always read ‘0’.
EXAMPLE 4-1:
INITIALIZING GPIO
Note:
The ANSEL and CMCON0 registers must
be initialized to configure an analog
channel as a digital input. Pins configured
as analog inputs will read ‘0’.
BANKSEL
GPIO
;
CLRF
GPIO
;Init GPIO
MOVLW
07h
;Set GP<2:0> to
MOVWF
CMCON0
;digital I/O
BANKSEL
ANSEL
;
CLRF
ANSEL
;digital I/O
MOVLW
0Ch
;Set GP<3:2> as inputs
MOVWF
TRISIO
;and set GP<5:4,1:0>
;as outputs
REGISTER 4-1:
GPIO: GENERAL PURPOSE I/O REGISTER
U-0
U-0
R/W-x
R/W-0
R-x
R/W-0
R/W-0
R/W-0
—
—
GP5
GP4
GP3
GP2
GP1
GP0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented: Read as ‘0’
bit 5-0
GP<5:0>: GPIO I/O Pin bit
1
= Port pin is > VIH
0
= Port pin is < VIL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com